Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3759 Datasheet HTML 9Page - Linear Technology LT3759 Datasheet HTML 10Page - Linear Technology LT3759 Datasheet HTML 11Page - Linear Technology LT3759 Datasheet HTML 12Page - Linear Technology LT3759 Datasheet HTML 13Page - Linear Technology LT3759 Datasheet HTML 14Page - Linear Technology LT3759 Datasheet HTML 15Page - Linear Technology LT3759 Datasheet HTML 16Page - Linear Technology LT3759 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LT8710
13
8710f
For more information www.linear.com/LT8710
Frequency Foldback
The frequency foldback circuitry reduces the switching
frequency when 175mV < FBX < 1.01V (typical). This
feature lowers the minimum duty cycle that the part can
achieve,thusallowingbettercontroloftheinductorcurrent
at start-up. When the FBX voltage is pulled outside of this
range,theswitchingfrequencyreturnstonormal.Ifthepart
is configured to be in forced continuous conduction mode
(MODE pin is driven below 1.175V), then the frequency
foldback circuitry is disabled as long as INTVEE is not in
UVLO and the SS pin is higher than the SS Hi threshold.
Note that the peak inductor current at start-up is a function
ofmanyvariablesincludingloadprofile,outputcapacitance,
target VOUT, VIN, switching frequency, etc.
OPERATION – REGULATION
UsetheBlockDiagramwhensteppingthroughthefollowing
description of the LT8710 operating in regulation. Also,
assume the converter’s load current is high enough such
that the part is operating in synchronous switching. The
LT8710 has three modes of regulation:
1. Output Voltage (via FBX pin)
2. Input Voltage (via EN/FBIN pin)
3. Output Current (via ISP, ISN, and IMON pins)
All three of these regulation loops control the peak com-
manded current through the external NFET, MN. This
operation is the same regardless of the regulation mode,
so that will be described first.
At the start of each oscillator cycle, the SR latch (SR1)
is set, which first turns off the external PFET, MP, and
then turns on the external NFET, MN. The NFET’s source
current flows through an external current sense resistor
(RSENSE1) generating a voltage proportional to the NFET
switch current. This voltage is then amplified by A5 and
added to a stabilizing ramp. The resulting sum is fed into
thepositiveterminalofthePWMcomparatorA7.Whenthe
voltage on the positive input of A7 exceeds the voltage on
the negative input (VC pin), the SR latch is reset, turning
off the NFET and then turning on the PFET. The voltage
on the VC pin is controlled by one of the regulation loops,
or a combination of regulation loops. For simplicity, each
mode of regulation will be described independently so
that only one of the modes of regulation is in command
of the LT8710.
Output Voltage Regulation
A single external resistor is used to set the target output
voltage. See the Pin Functions section for selecting the
feedback resistor for a desired output voltage. The VC
pin voltage (negative input of A7) is set by EA1 (or EA2),
which is simply an amplified difference between the FBX
pinvoltageandthereferencevoltage(1.213ViftheLT8710
is configured as a noninverting converter or 9.6mV if
configured as an inverting converter). In this manner, the
FBX error amplifier sets the correct peak current level to
maintain output voltage regulation.
Input Voltage Regulation
A single resistor or resistor divider from the EN/FBIN pin
to the converter’s input voltage sets the input voltage
regulation. It is recommended to use a resistor divider for
improved accuracy as described in the Setting the Input
Voltage Regulation or Undervoltage Lockout section.
The EN/FBIN pin voltage connects to the positive input of
amplifier EA4. The VC pin voltage is set by EA4, which is
simply an amplified difference between the EN/FBIN pin
voltage and a 1.607V reference voltage. In this manner,
the EN/FBIN error amplifier sets the correct peak current
level to maintain input voltage regulation.
Output Current Regulation
An external sense resistor connected between the ISP and
ISNpins(RSENSE2)setsthemaximumoutputcurrentofthe
converter when placed in the source of the PFET, MP. A
built-in 51.8mV offset is added to the voltage seen across
RSENSE2. That voltage is then amplified and outputs to
the IMON pin. An external capacitor must be placed from
IMON to ground to filter the amplified chopped voltage
that’s sensed across RSENSE2. The voltage at the IMON pin
is fed to the negative input of the IMON error amplifier,
EA3. The VC pin voltage is set by EA3, which is simply an
amplified difference between the IMON pin voltage and the
1.213V reference voltage. In this manner, the IMON error
amplifier sets the correct peak current level to maintain
output current regulation.
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com