Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC7813
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 4Page - Linear Technology LTC7813 Datasheet HTML 5Page - Linear Technology LTC7813 Datasheet HTML 6Page - Linear Technology LTC7813 Datasheet HTML 7Page - Linear Technology LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology LTC7813 Datasheet HTML 10Page - Linear Technology LTC7813 Datasheet HTML 11Page - Linear Technology LTC7813 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC7821
8
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
HYS_PRGM Voltage Window
vs Temperature
Voltage at Timer Pin to Start and
Stop Capacitor Balancing
vs Temperature
TEMP Pin Trip Voltage
vs Temperature
Line Transient 10V/ms
Steady-State Output Voltage
Ripple of Typical Application
Load Transient 2A–12A–2A of
Typical Application
Short-Circuit and Recovery
TEMP Fault Characteristic
TA = 25°C, unless otherwise noted.
VHYS_PRGM = INTVCC
VHYS_PRGM = 1.2V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–1.5
–1.2
–0.9
–0.6
–0.3
0.0
0.3
0.6
0.9
1.2
1.5
7821 G20
Stop Balancing
Start Balancing
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.3
0.5
0.7
0.9
1.1
1.3
1.5
7821 G21
FALLING
RISING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.00
1.05
1.10
1.15
1.20
1.25
1.30
7821 G22
1ms/DIV
VIN
10V/DIV
MID
10V/DIV
VOUT
100mV/DIV
AC-COUPLED
7821 G23
200ms/DIV
VOUT
10V/DIV
IL
20A/DIV
PGOOD
5V/DIV
7821 G26
20ms/DIV
TEMP
2V/DIV
FAULT
10V/DIV
PGOOD
5V/DIV
SW3
20V/DIV
VOUT
20V/DIV
7821 G27
VIN = 48V
VOUT = 12V
ILOAD = 30mA
10µs/DIV
CONTINUOUS
MODE
100mV/DIV
AC-COUPLED
Burst Mode
OPERATION
100mV/DIV
AC-COUPLED
PULSE-
SKIPPING
MODE
100mV/DIV
AC-COUPLED
7821 G24
50µs/DIV
VOUT
500mV/DIV
AC-COUPLED
IL
10A/DIV
7821 G25
VIN = 48V
VOUT = 12V
fSW = 500kHz
Maximum Current Sense Threshold
vs Common Mode Voltage
VSENSE COMMON MODE VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45.0
47.5
50.0
52.5
55.0
7821 G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com