Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC7813
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 10Page - Linear Technology LTC7813 Datasheet HTML 11Page - Linear Technology LTC7813 Datasheet HTML 12Page - Linear Technology LTC7813 Datasheet HTML 13Page - Linear Technology LTC7813 Datasheet HTML 14Page - Linear Technology LTC7813 Datasheet HTML 15Page - Linear Technology LTC7813 Datasheet HTML 16Page - Linear Technology LTC7813 Datasheet HTML 17Page - Linear Technology LTC7813 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC7821
14
Rev A
For more information www.analog.com
When the controller is enabled for Burst Mode operation,
the peak current in the inductor is set to approximately
one-third of the maximum sense voltage even though
the voltage on the ITH pin indicates a lower value. If the
average inductor current is higher than the load current,
the error amplifier output, EA, will decrease the voltage
on the ITH pin. When the ITH voltage drops below 0.5V,
the internal sleep signal goes high (enabling sleep mode)
and all external MOSFETs are turned off. In sleep mode,
the load current is supplied by the output capacitor. As the
output voltage decreases, the EA’s output begins to rise.
When the output voltage drops enough, the sleep signal
goes low, and the controller resumes normal operation by
turning on the external MOSFETs on the next cycle of the
internal oscillator. When a controller is enabled for Burst
Mode operation, the inductor current is not allowed to
reverse. The reverse current comparator (IREV) turns off
the bottom external MOSFET M4 and M2 just before the
inductor current reaches zero, preventing it from revers-
ing and going negative. Thus, the controller operates in
discontinuous operation.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITH pin. In this mode, the efficiency at
lightloadsislowerthaninBurstModeoperation.However,
continuousmodehastheadvantagesofloweroutputripple
and less interference with audio circuitry.
When the MODE/PLLIN pin is connected to INTVCC, the
LTC7821 operates in PWM pulse-skipping mode at light
loads. At very light loads, the current comparator ICMP
mayremaintrippedforseveralcyclesandforcetheexternal
MOSFETs M1 and M3 to stay off for the same number of
cycles (i.e., skipping pulses). The inductor current is not
allowed to reverse (discontinuous operation). This mode,
likeforcedcontinuousoperation,exhibitslowoutputripple
as well as low audio noise and reduced RF interference
as compared to Burst Mode operation. It provides higher
low current efficiency than forced continuous mode, but
not nearly as high as Burst Mode operation.
Frequency Selection and Phase-Locked Loop (FREQ
and MODE/PLLIN Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency operation
increasesefficiencybyreducingMOSFETswitchinglosses,
but requires larger inductance and/or output capacitance
to maintain low output ripple voltage. In addition, it will
also require larger BOOST capacitance and balancing ca-
pacitance (CFLY and CMID) since the refresh rate is lower.
The switching frequency of the LTC7821’s controller can
be selected using the FREQ pin. If the MODE/PLLIN pin
is not being driven by an external clock source, the FREQ
pin can be used to program the controller’s operating
frequency from 50kHz to 1.7MHz.
There is a 10µA current flowing out of the FREQ pin, so
the user can program the controller’s switching frequency
with a single resistor to SGND.
A phase-locked loop (PLL) is integrated on the LTC7821
to synchronize the internal oscillator to an external clock
source that is connected to the MODE/PLLIN pin. The
controller operates in forced continuous mode when it is
synchronized. The PLL loop filter network is integrated
inside the LTC7821. The phase-locked loop is capable
of locking any frequency within the range of 200kHz to
1.5MHz. The frequency setting resistor should always be
present to set the controller’s initial switching frequency
before locking to the external clock.
Temperature Monitoring
When the LTC7821 die temperature reaches 150°C,
switching stops and TRACK/SS pin is pulled low. Charge
balancing is also disabled.
The LTC7821 can provide hotspot monitoring via the
TEMP pin. By using a PTC thermistor as the lower leg of a
resistor divider and connecting the common point of this
divider to the TEMP pin, the voltage increases drastically
when the temperature reaches beyond the Curie point of
the PTC thermistor as shown in Figure 3. The character-
istic of the PTC thermistor is shown in Figure 4. When the
TEMP pin reaches 1.22V, all switching stops for 100ms.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com