Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC7813
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 25Page - Linear Technology LTC7813 Datasheet HTML 26Page - Linear Technology LTC7813 Datasheet HTML 27Page - Linear Technology LTC7813 Datasheet HTML 28Page - Linear Technology LTC7813 Datasheet HTML 29Page - Linear Technology LTC7813 Datasheet HTML 30Page - Linear Technology LTC7813 Datasheet HTML 31Page - Linear Technology LTC7813 Datasheet HTML 32Page - Linear Technology LTC7813 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC7821
29
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
With a VSENSE = 50mV, the DCR will set the peak inductor
current to be 31A. With a ripple ΔIL of 8.8A, the application
will provide 25A of output current.
For the sensing network, select C1 = 0.22μF, then:
R8 =
L
C1•DCR
= 3.4kΩ
For the design, a 3.32k resistor is used.
The next components to select are the CMID and CFLY. In
this example,
CMID = CFLY
To maintain ripple at CMID and CFLY to be 1% of its
DC bias:
ΔVCMID and ΔVCFLY = 0.01• 24
= 240mV
Hence,
CFLY =
IOUT • tON
2 • ΔVCMID
=
25 • 0.42 • 10– 6
2 • 0.24
= 21.88µF
= CMID
The voltage rating chosen for these capacitors is 50V
and even with this rating, the actual capacitance is lower
due to its voltage coefficient. 6 × 10µF is chosen for each
CMID and CFLY. With this value of CMID, the voltage ripple
at MID is now:
VCMID _ripple =
IOUT • tON
2 • 60 •10– 6
= 87.5mV
The next components to select are the bootstrap capaci-
tors. For M1, the gate charge needed to charge its gate
from VGS = 0V to 6V is:
QG = 9nC
Therefore, it’s equivalent gate capacitance is:
CG =
QG
VGS
= 1.5nF
Hence, CBST1 = 99 • CG
= 0.15μF
Use, CBST1 = 0.22μF
CBST2 = 0.47μF
CBST3 = 1μF
For the Schottky diodes, Central’s CMDSH-4 are used.
From the manufacturer data sheet, the RDSON of M1 to
M4 are 3.1mΩ, 3.2mΩ, 3.2mΩ, and 1.4mΩ respectively.
The equivalent impedance at MID node, ZMID, can be
calculated to be:
ZMID =
1
8 • CFLY • fSW
• coth
D1• TS
2 • t1
⎛
⎝⎜
⎞
⎠⎟
+ coth
D2 • TS
2 • t2
⎛
⎝⎜
⎞
⎠⎟
⎛
⎝⎜
⎞
⎠⎟
= 18.15mΩ
This will result in an average MID voltage of:
VMID = VIN/2 – (31A • 18.15mΩ)
= 23.437V
Factoring in the ripple voltage on CMID, the minimum
VMID is:
VMID _MIN = 23.437 – 0.0875
= 23.35V
This is 650mV lower than the ideal voltage of 24V at MID
point. Therefore set the voltage at HYST_PRGM pin to be
1V with a resistor of 100k.
The completed circuit for this design example is shown
in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com