Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC7813
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology LTC7813 Datasheet HTML 10Page - Linear Technology LTC7813 Datasheet HTML 11Page - Linear Technology LTC7813 Datasheet HTML 12Page - Linear Technology LTC7813 Datasheet HTML 13Page - Linear Technology LTC7813 Datasheet HTML 14Page - Linear Technology LTC7813 Datasheet HTML 15Page - Linear Technology LTC7813 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTC7821
12
Rev A
For more information www.analog.com
OPERATION
Capacitor Balancing Phase
Duringinitialpowerup,thevoltageacrosstheflyingcapaci-
tor(CFLY)andCMIDaremeasured.Ifeitherofthesevoltages
are not at VIN/2, the TIMER’s capacitor will be allowed to
charge up. When the TIMER capacitor’s voltage reaches
0.5V,internalcurrentsourcestobringCFLYvoltagetoVIN/2
are turned ON. After the CFLY voltage has reached VIN/2,
CMID will then be charged to VIN/2. The TRACK/SS pin is
pulled low during this duration and all external MOSFETs
are shut off. The FAULT pin will not be pulled low during
this initial power up. If the voltages across CFLY and CMID
reach VIN/2 before the TIMER capacitor’s voltage reaches
1.2V, the TRACK/SS will be released and allowed to charge
up. The TIMER pin will reset to ground and remain there.
Normal operation will begin (see Figure 1A).
If, however, the CFLY or CMID voltage is not at VIN/2 when
VTIMER reaches 1.2V, the internal current sources will be
turned OFF and the TIMER capacitor will be charged at half
the initial rate until it reaches 4V. Timer will then be reset
to zero, and the LTC7821 will repeat the above process
again until CFLY and CMID are at VIN/2(See Figure 1B).
Duringnormaloperation,onlyCMIDismonitoredfordevia-
tion away from VIN/2 by a window amount set by a resistor
connectedfromHYS_PRGMtoground. Thevoltageacross
this resistor sets the same amount of window threshold
above and below VIN/2. If VCMID leaves this voltage win-
dow, all switching will stop and the TRACK/SS pin will be
pulled low. Corresponding internal current sources will be
turned on to bring CFLY and CMID voltages back to VIN/2.
FAULT will be pulled low and released once the balancing
is complete. During this balancing period, PGOOD will
also be pulled low. The TRACK/SS pin is also allowed to
charge up upon the completion of balancing. Connecting
HYS_PRGM to INTVCCsetsthewindowthresholdto±0.8V
around VIN/2. (see Figure 2)
Main Control Loop
Once the capacitor balancing phase is completed, normal
operation begins. MOSFETs M1 and M3 are turned ON
when the clock sets the RS latch, and turned off when
the main current comparator, ICMP, resets the RS latch.
MOSFETsM2andM4arethenturnedon.Thepeakinductor
Figure 1. Charge Balancing During Power Up with (A) Balancing Completed within One Timer Period and
(B) More Than One Timer Period
Figure 2. Charge Balancing During Normal Operation with (A) Balancing Completed within One Timer Period and
(B) More Than One Timer Period
FAULT
TIMER
TRACK/SS
0V
0.5V
1.2V
4V
FAULT
TIMER
TRACK/SS
0V
0.5V
1.2V
(A)
(B)
7821 F01
FAULT
TIMER
0.5V
1.2V
TRACK/SS
FAULT
TIMER
TRACK/SS
7821 F02
0.5V
1.2V
(A)
(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com