Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC7813
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 22Page - Linear Technology LTC7813 Datasheet HTML 23Page - Linear Technology LTC7813 Datasheet HTML 24Page - Linear Technology LTC7813 Datasheet HTML 25Page - Linear Technology LTC7813 Datasheet HTML 26Page - Linear Technology LTC7813 Datasheet HTML 27Page - Linear Technology LTC7813 Datasheet HTML 28Page - Linear Technology LTC7813 Datasheet HTML 29Page - Linear Technology LTC7813 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC7821
26
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Due to its unique architecture, the optimal efficiency for
the LTC7821 is when VOUT ≅ VIN/4. For applications that
demand optimal efficiency within a range of VIN, EXT_REF
could be used to track this VIN variation while maintaining
a 4:1 step down ratio at the output. In this type of setup
the output voltage will also change with the input. Figure
18 shows a 48V to 12V setup that accounts for VIN varia-
tion between 36V to 72V.
Minimum VOUT
During the CFLY capacitor balancing phase, a current of
approximately 40mA (ISRC) flows out of SW1 node to
charge the flying capacitor CFLY to VIN/2. To prevent this
current from charging COUT, an identical amount is sunk
(ISNK) away at SW3 node. Figure 21 shows the current
path. A minimum output voltage of 2V is needed to ensure
the complete sinking of the sourcing current.
In applications that need the output to be regulated below
2V, a resistive load can be added across VOUT to ensure
that the voltage will not exceed the regulated value during
the capacitor balancing phase. The resistive load value is
given by:
RLOAD <
VOUT
0.04
Select RLOAD to be about 70% of the calculated value.
HYS_PRGM Voltage
The voltage on the HYS_PRGM pin sets a window (thresh-
old) centered on VIN/2forfaultprotectionpurpose.During
operation,ifthevoltageacrossMID_SNSandgrounddevi-
ates beyond this window, a fault is indicated and capacitor
balancing begins. Therefore setting the correct window
is important as it adds another layer of protection to the
power system. In continuous switching, the first order
approximate impedance at MID is given by:
ZMID=
1
8 •CFLY • fSW
• e
D1• TS
2 • t1 + e
–D1• TS
2 • t1
e
D1• TS
2 • t1 – e
–D1• TS
2 • t1
+ e
D2 • TS
2 • t2 + e
–D2 • TS
2 • t2
e
D2 • TS
2 • t2 – e
–D2 • TS
2 • t2
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
=
1
8 •CFLY • fSW
• coth
D1• TS
2 • t1
⎛
⎝
⎞
⎠
+ coth
D2 • TS
2 • t2
⎛
⎝
⎞
⎠
⎛
⎝⎜
⎞
⎠⎟
where:
TS = Switching period
fSW = Switching frequency
D1 = Duty cycle of MOSFET 1 and 3
D2 = Duty cycle of MOSFET 2 and 4
t1 = (RON1 + RON3 + RESR_FLY) • CFLY
t2 = (RON2 + RON4 + RESR_FLY) • CFLY
RONX = Resistance of MOSFET X in Ω
Figure 18. Output Voltage to Track VIN in 4:1 Ratio
TheminimumoutputvoltagethatcanbesetfortheLTC7821
is limited by the charge balancing circuit and its minimum
on-time. The charge balancing circuitry requires at least
2V on the output and is independent of VIN. The minimum
on time determines the minimum VOUT by:
VOUT(MIN) =
VMID • tON(MIN)
TS
Where TS is the switching period.
Hence,
VOUT(MIN) = MAX 2.5V,
VMID • tON(MIN)
TS
⎛
⎝⎜
⎞
⎠⎟
Theinternalchargebalancingcircuitryrequiresaminimum
differential voltage between VIN/2 and VOUT of 2.5V to op-
erate. This limits the maximum output voltage setting to:
VOUT(MAX) =
VIN
2
– 2.5
For applications where the load is resistive and acts like
a discharging path, the minimum VOUT can be lowered
to 0.8V.
R5
464k
R6
5.9k
R1
82.5K
R2
4.32k
7821 F18
VOUT
TO
VFB
PIN
VIN
TO
EXT_REF
PIN
(36V TO 72V)
(9V TO 18V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com