Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC7813
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 19Page - Linear Technology LTC7813 Datasheet HTML 20Page - Linear Technology LTC7813 Datasheet HTML 21Page - Linear Technology LTC7813 Datasheet HTML 22Page - Linear Technology LTC7813 Datasheet HTML 23Page - Linear Technology LTC7813 Datasheet HTML 24Page - Linear Technology LTC7813 Datasheet HTML 25Page - Linear Technology LTC7813 Datasheet HTML 26Page - Linear Technology LTC7813 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTC7821
23
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Ceramic capacitors also have a large voltage coefficient,
losing close to half their capacitance when the DC bias
across a given capacitor is half its rated voltage. The DC
bias effect on a capacitor is greater when the case size
is smaller. Factor in these effects when deciding on the
capacitance.
The ripple voltage of CFLY and CMID is given by:
VCFLY _RIPPLE =
IOUT • tON
2 •CFLY
VCMID _RIPPLE =
IOUT • tON
2 •CMID
where IOUT is the output current and tON is the on-time
of M1 and M3.
The ripple voltage on CFLYandCMID,(VCFLY_RIPPLE,VCMID_
RIPPLE ), contributes significantly to the power dissipated
in M2 and M4 (see Power MOSFET Selection section).
As a good starting point, select enough capacitance such
that the ripple on each capacitor is less than 1% of the DC
bias voltage of the capacitor. For example, if the DC bias
voltage of the capacitor is 24V, keep the ripple to be less
than 240mV. For the lowest conduction loss of MOSFETs
M1 and M3 (see Power MOSFET Selection section), select
the capacitance of CMID to be the same as that of CFLY.
Schottky Diode and Bootstrap Capacitors Selection
Three diodes are used to form a charge pump circuit
to provide the drive voltages for MOSFETs M1 to M3.
Figure 14 shows the diodes configuration. The voltages
acrossthefollowingbootstrapcapacitorsareapproximately:
VBST1_SW1 = VINTVCC – VF_D1 – VF_D2 – VF_D3
VBST2_MID = VINTVCC – VF_D2 – VF_D3
VBST2_SW3 = VINTVCC – VF_D3
where VF_DX is the forward voltage of diode X.
Figure 14. External Charge Pump
M1
M2
M3
M4
CBST1
CBST2
CBST3
7821 F14
D1
D2
D3
LTC7821
VIN
TG1
TG2
BG1
BG2
SW1
MID
SW3
INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com