Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC7813
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 15Page - Linear Technology LTC7813 Datasheet HTML 16Page - Linear Technology LTC7813 Datasheet HTML 17Page - Linear Technology LTC7813 Datasheet HTML 18Page - Linear Technology LTC7813 Datasheet HTML 19Page - Linear Technology LTC7813 Datasheet HTML 20Page - Linear Technology LTC7813 Datasheet HTML 21Page - Linear Technology LTC7813 Datasheet HTML 22Page - Linear Technology LTC7813 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LTC7821
19
Rev A
For more information www.analog.com
cycles less than 40%. For a DCR sensing application, the
actual ripple voltage will be determined by the equation:
Δ VSENSE =
VMID – VOUT
R1• C1
•
VOUT
VMID • fOSC
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant fre-
quency architectures by preventing subharmonic oscilla-
tions at high duty cycles. It is accomplished internally by
addingacompensatingramptotheinductorcurrentsignal
at duty cycles in excess of 40%. Normally, this results in
a reduction of maximum inductor peak current for duty
cycles >40%. However, the LTC7821 uses a scheme that
counteracts this compensating ramp, which allows the
maximum inductor peak current to remain unaffected
throughout all duty cycles.
Inductor Value Calculation
Given the desired input and output voltages, the inductor
value and operating frequency fOSC directly determine the
inductor’s peak-to-peak ripple current:
IRIPPLE =
VOUT
VMID
•
VMID – VOUT
fOSC •L
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors, and output voltage
ripple. Thus, highest efficiency operation is obtained at
low frequency with a small ripple current. Achieving this,
however, requires a large inductor.
A reasonable starting point is to choose a ripple current
that is about 40% of IOUT(MAX) for a duty cycle less than
40%. Note that the largest ripple current occurs at the
highestinputvoltage.Toguaranteethatripplecurrentdoes
not exceed a specified maximum, the inductor should be
chosen according to:
L ≥
VMID – VOUT
fOSC •IRIPPLE
•
VOUT
VMID
For duty cycles greater than 40%, the 10mV current
sense ripple voltage requirement is relaxed because the
slope compensation signal aids the signal-to-noise ratio
and because a lower limit is placed on the inductor value
to avoid subharmonic oscillations. To ensure stability for
duty cycles up to the maximum of 95%, use the following
equation to find the minimum inductance.
LMIN >
VOUT
fSW •ILOAD(MAX)
•1.4
where
LMIN is in units of µH
fSW is in units of MHz
Inductor Core Selection
Once the inductance value is determined, the type of in-
ductor must be selected. Core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
moreturnsofwireandthereforecopperlosseswillincrease.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates hard, which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Power MOSFET Selection
Four external power MOSFETs must be selected for the
LTC7821. The gate drive voltages to these MOSFETs are
derived from the INTVCC voltage, which is typically 5.8V.
Hence logic-level threshold MOSFETs must be selected.
Only the upper-most MOSFET requires a BVDSS greater
than VIN, because this MOSFET sees the full VIN voltage
during start-up. The other MOSFETs, M2 to M4, need only
have a BVDSS greater than VIN/2.
During operation, the type of switching also impacts how
each power MOSFET is selected. M1 and M2 operate in
soft switching mode, so they should have low Qoss •
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com