Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6237
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6237 Datasheet HTML 3Page - Linear Technology LT6237 Datasheet HTML 4Page - Linear Technology LT6237 Datasheet HTML 5Page - Linear Technology LT6237 Datasheet HTML 6Page - Linear Technology LT6237 Datasheet HTML 7Page - Linear Technology LT6237 Datasheet HTML 8Page - Linear Technology LT6237 Datasheet HTML 9Page - Linear Technology LT6237 Datasheet HTML 10Page - Linear Technology LT6237 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC2385-18
7
238518f
For more information www.linear.com/LTC2385-18
TYPICAL PERFORMANCE CHARACTERISTICS
SNR, SINAD vs Temperature,
fIN = 2kHz, –1dBFS
THD, Harmonics vs Temperature,
fIN = 2kHz, –1dBFS
INL/DNL vs Temperature
Full-Scale Error vs Temperature,
REFBUF = 4.096V
SFDR vs Input Level, fIN = 2kHz
SFDR vs Input Level, fIN = 1MHz
TA = 25°C, VDD = 5V, VDDL = 2.5V, OVDD = 2.5V,
REFIN = 2.048V, fSMPL = 5Msps, unless otherwise noted.
dBFS
dBc
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40 –30 –20 –10
0
50
60
70
80
90
100
110
120
130
140
150
238518 G10
dBFS
dBc
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40 –30 –20 –10
0
50
60
70
80
90
100
110
120
130
140
150
238518 G11
SNR
SINAD
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
93
94
95
96
97
238518 G12
THD
2ND
3RD
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
–130
–125
–120
–115
–110
238518 G13
MAX INL
MAX DNL
MIN DNL
MIN INL
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
238518 G14
+ FS
– FS
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
–6
–4
–2
0
2
4
6
238518 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com