Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6237
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6237 Datasheet HTML 5Page - Linear Technology LT6237 Datasheet HTML 6Page - Linear Technology LT6237 Datasheet HTML 7Page - Linear Technology LT6237 Datasheet HTML 8Page - Linear Technology LT6237 Datasheet HTML 9Page - Linear Technology LT6237 Datasheet HTML 10Page - Linear Technology LT6237 Datasheet HTML 11Page - Linear Technology LT6237 Datasheet HTML 12Page - Linear Technology LT6237 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC2385-18
9
238518f
For more information www.linear.com/LTC2385-18
PIN FUNCTIONS
GND (Pins 1, 4, 10, 21, 26, 29 ): Ground. Connect to a
solid ground plane in the PCB underneath the ADC.
IN+, IN– (Pins 2, 3): Positive and Negative Differential
Analog Inputs. The inputs must be driven differentially
and 180° out of phase, with a common mode voltage of
2.048V. The differential input range is ±4.096V (each input
pin swings from 0V to 4.096V.)
REFGND (Pins 5, 6): Reference Ground. The two pins
should be shorted together and connected to the refer-
ence bypass capacitor with a short, wide trace. In ad-
dition, connect the pins to the exposed pad (Pin 33). A
suggested layout is shown in the ADC Reference section
of the data sheet.
REFBUF (Pins 7, 8): Internal Reference Buffer Output.
The output voltage of the internal 2× gain reference buffer,
nominally 4.096V, is provided on this pin. The two pins
should be shorted together and bypassed to REFGND with
a 10µF (X7R, 0805 size) ceramic capacitor. If the internal
buffer is not required, tie REFIN to GND to power down
the buffer and connect an external 4.096V reference to
REFBUF.
REFIN(Pin9):InternalReferenceOutput/ReferenceBuffer
Input. The output voltage of the internal reference, nomi-
nally 2.048V, is output on this pin. An external reference
can be applied to REFIN if a more accurate reference is
required. For increased filtering of reference noise, bypass
this pin to GND using a 0.1µF or larger ceramic capacitor.
If the internal reference buffer is not used, tie REFIN to
GND to power down the buffer and connect an external
buffered reference to REFBUF.
VDD (Pins 11, 12): 5V Analog Power Supply. The range
of VDD is 4.75V to 5.25V. The two pins should be shorted
together and bypassed to GND with 0.1μF and 10μF ce-
ramic capacitors.
PD (Pin 13): Digital input that enables power-down mode.
When PD is low, the LTC2385 enters power-down mode,
and all circuitry (including the LVDS interface) is shut
down. When PD is high, the part operates normally. Logic
levels are determined by OVDD.
TESTPAT (Pin 14): Digital input that forces the LVDS data
outputs to be a test pattern. When TESTPAT is high, the
digital outputs are a test pattern. When TESTPAT is low,
the digital outputs are the ADC conversion result. Logic
levels are determined by OVDD.
DB–/DB+, DA–/DA+ (Pins 15/16, 17/18): Serial LVDS
Data Outputs. In one-lane output mode, DB–/DB+ are not
used and their LVDS driver is disabled to reduce power
consumption.
DCO–/DCO+ (Pins 19/20): LVDS Data Clock Output. This
is an echoed version of CLK–/CLK+ that can be used to
latch the data outputs.
OVDD (Pin 22): 2.5V Output Power Supply. The range of
OVDD is 2.375V to 2.625V. Bypass to GND with a 0.1μF
ceramic capacitor.
CLK–/CLK+ (Pins 23/24): LVDS Clock Input. This is an
externally applied clock that serially shifts out the conver-
sion result.
TWOLANES (Pin 25): Digital input that enables two-lane
output mode. When TWOLANES is high (two-lane output
mode), the ADC outputs two bits at a time on DA–/DA+
and DB–/DB+. When TWOLANES is low (one-lane output
mode), the ADC outputs one bit at a time on DA–/DA+, and
DB–/DB+aredisabled.LogiclevelsaredeterminedbyVDDL.
CNV–/CNV+ (Pins 27/28): Conversion Start LVDS Input.
A rising edge on CNV+ puts the internal sample-and-hold
into the hold mode and starts a conversion cycle. CNV+
can also be driven with a 2.5V CMOS signal if CNV– is
tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com