Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 22 Page - Linear Technology

Part # LT6237
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology LT6237 Datasheet HTML 21Page - Linear Technology LT6237 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC2385-18
22
238518f
For more information www.linear.com/LTC2385-18
LINEAR TECHNOLOGY CORPORATION 2016
LT 0316 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2385-18
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2387-18
18-Bit, 15Msps SAR ADC
95.7dB SNR, 102dB SFDR, ±3LSB INL (Max)
LTC2378-20
20-Bit, 1Msps, Low Power SAR ADC
104dB SNR, –125dB THD, 21mW at 1Msps
LTC2389-18
18-Bit, 2.5Msps SAR ADC
99.8dB SNR, –116dB THD, ±3LSB INL (Max)
LTC2271
16-Bit, 20Msps Serial Dual ADC
84.1dB SNR, 99dB SFDR, 92mW per Channel
References
LTC6655
Precision Low Drift Low Noise Buffered Reference 5V/2.5V/2.048V/1.2V, 2ppm/°C, 0.25ppm Peak-to-Peak Noise, MSOP-8 Package
LTC6652
Precision Low Drift Low Noise Buffered Reference 5V/2.5V/2.048V/1.2V, 5ppm/°C, 2.1ppm Peak-to-Peak Noise, MSOP-8 Package
Amplifiers
LT6200/LT6201
Single/Dual 165MHz Op-Amp
0.95nV/√Hz, Low Distortion
LT6236/LT6237
Single/Dual 215MHz Op-Amp
1.1nV/√Hz, Low Distortion
Low Power Input Drive Circuit for Signals up to 200kHz
Input Drive Circuit with Low Distortion up to 1MHz
32k Point FFT, fSMPL = 5Msps,
fIN = 50kHz
32k Point FFT, fSMPL = 5Msps,
fIN = 50kHz
24.9
24.9
680pF
680pF
0.1µF
0.1µF
0.1µF
10µF
0.1µF
4.096V
0V
4.096V
0V
IN+
IN–
LTC2385-18
1/2 LT6201
1/2 LT6201
fIN < 1MHz
VDD
VDDL
5V
2.5V
2.5V
OVDD
CLK
DCO
DA
DB
TWOLANES
TESTPAT
PD
CNV
REFBUF REFGND
REFIN
LVDS
INTERFACE
5MHz
SAMPLE
CLOCK
238518 TA03
+
–
+
–
SNR = 96.3dB
THD = –117dB
SINAD = 96.3dB
SFDR = 119dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–160
–140
–120
–100
–80
–60
–40
–20
0
238518 TA04
SNR = 96.3dB
THD = –115dB
SINAD = 96.3dB
SFDR = 117dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–160
–140
–120
–100
–80
–60
–40
–20
0
238518 TA06
24.9
24.9
680pF
680pF
4.096V
0V
4.096V
0V
IN+
IN–
LTC2385-18
1/2 LT6237
fIN < 200kHz
1/2 LT6237
7.5V
–2.5V
+
–
+
–
238518 TA05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com