Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 17 Page - Linear Technology

Part # LT6237
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT6237 Datasheet HTML 13Page - Linear Technology LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology LT6237 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC2385-18
17
238518f
For more information www.linear.com/LTC2385-18
APPLICATIONS INFORMATION
Figure 10. 32k Point FFT of the LTC2385-
18, fSMPL = 5Msps, fIN = 2kHz
Common Mode Output
The VCM pin is an output that provides one-half the voltage
present on the REFBUF pin. This voltage can be used to
set the common mode of a differential amplifier driving the
analog inputs. Bypass VCM to GND with a 0.1μF ceramic
capacitor. If VCM is not used it can be left floating, but the
parasitic capacitance on the pin needs to be under 10pF.
The VCMoutputhas1/fnoisewhichformostdrivercircuits
will be removed by the ADC common mode rejection ratio.
VCM is not recommended for single-ended to differential
circuits that pass the VCM noise to only one ADC input.
DYNAMIC PERFORMANCE
Fast Fourier Transform (FFT) techniques are used to test
the ADC’s frequency response, distortion and noise at the
rated throughput. By applying a low distortion sine wave
and analyzing the digital output using an FFT algorithm,
the ADC’s spectral content can be examined for frequen-
cies outside the fundamental. The LTC2385-18 provides
guaranteed tested limits for both AC distortion and noise
measurements.
Signal-to-Noise and Distortion Ratio (SINAD)
The signal-to-noise and distortion ratio (SINAD) is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the A/D output. The output is band-limited
to frequencies from above DC and below half the sampling
frequency. Figure 10 shows that the LTC2385-18 achieves
a typical SINAD of 96.1dB at a 5MHz sampling rate with
a 2kHz input.
Signal-to-Noise Ratio (SNR)
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC. Figure 10 shows
that the LTC2385-18 achieves a typical SNR of 96.2dB at
a 5MHz sampling rate with a 2kHz input.
Total Harmonic Distortion (THD)
TotalHarmonicDistortion(THD)istheratiooftheRMSsum
ofallharmonicsoftheinputsignaltothefundamentalitself.
The out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency (fSMPL/2).
THD is expressed as:
THD
=20log
V22
+ V32 + V42 +…+ Vn 2
V1
where V1 is the RMS amplitude of the fundamental
frequency and V2 through Vn are the amplitudes of the
second through nth harmonics. Figure 10 shows that the
LTC2385-18 achieves a typical THD of –117dB at a 5MHz
sampling rate with a 2kHz input.
POWER CONSIDERATIONS
The LTC2385-18 requires three power supplies: VDD (5V),
VDDL (2.5V), and OVDD (2.5V). Bypass VDD to GND with
a 0.1µF ceramic capacitor close to the pair of pins and a
SNR = 96.2dB
THD = –117dB
SINAD = 96.1dB
SFDR = 119dB
FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
–160
–140
–120
–100
–80
–60
–40
–20
0
238518 F10
Figure 9. Overdriving REFBUF Using the LTC6655-4.096
238518 F09
REFGND
REFBUF
REFIN
LTC2385-18
REFGND
REFBUF
10µF
VIN
5V
LTC6655-4.096
GND
SHDN
VOUT_F
VOUT_S
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com