Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6237
Description  18-Bit, 5Msps SAR ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6237 Datasheet HTML 12Page - Linear Technology LT6237 Datasheet HTML 13Page - Linear Technology LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC2385-18
16
238518f
For more information www.linear.com/LTC2385-18
APPLICATIONS INFORMATION
Internal Reference with Internal Reference Buffer
To use the internal reference and internal reference buf-
fer, bypass REFIN to GND with a 0.1μF ceramic capacitor
(Figure 6). Bypass REFBUF to REFGND with a single 10μF
(X7R,0805size)ceramiccapacitor.TheREFBUFcapacitor
should be as close as possible to the LTC2385-18 package
to minimize wiring inductance. Do not place this capaci-
tor on the opposite side of the board. Adding a second,
smaller capacitor in parallel with the 10μF may degrade
performance and is not recommended.
Figure 7. Suggested REFBUF Bypass Capacitor Layout
Figure 8. Using the LTC6655-2.048 as an External Reference
shown in Figure 8. Linear Technology offers a portfolio of
high performance references designed to meet the needs
of many applications. With its small size, low power, and
high accuracy, the LTC6655-2.048 is well suited for use
with the LTC2385-18 when overdriving the internal ref-
erence. The LTC6655-2.048 offers 0.025% (max) initial
accuracy and 2ppm/°C (max) temperature coefficient for
highprecisionapplications.BypassingtheLTC6655-2.048
with a 2.7μF to 10μF ceramic capacitor close to the REFIN
pin is recommended.
Figure 7 shows a suggested layout for the REFBUF capaci-
tor. The capacitor should be connected to REFBUF and
REFGND through short, wide traces. REFGND should also
be connected with a wide trace to the grounded exposed
pad (Pin 33).
External Reference with Internal Reference Buffer
If more accuracy and/or lower drift is desired, REFIN can
be directly overdriven by an external 2.048V reference as
External Reference Buffer
The internal reference buffer can also be overdriven with
an external 4.096V reference at REFBUF as shown in
Figure 9. To do so, REFIN must be grounded to disable
the reference buffer. The external reference must have a
fast transient response and be able to drive the 0.5mA
to 0.9mA load at the REFBUF pin. The LTC6655-4.096 is
recommended when overdriving REFBUF.
238518 F08
REFGND
REFBUF
REFIN
2.7µF
LTC2385-18
REFGND
REFBUF
10µF
VIN
5V
LTC6655-2.048
GND
SHDN
VOUT_F
VOUT_S
0.1µF
Figure 6. Configuration for Using the Internal Reference
Figure 5. LTC2385-18 Internal Reference Circuitry
238518 F05
2.048V
REFERENCE
ADC
CORE
REFGND
REFBUF
REFIN
8k
15k
9
8
7
6
5
LTC2385-18
2×
238518 F06
REFGND
REFBUF
REFIN
0.1µF
LTC2385-18
REFGND
REFBUF
10µF
238518 F07
9 10 11 12
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com