Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 60 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 60 Page - ams AG

Back Button AS3956 Datasheet HTML 56Page - ams AG AS3956 Datasheet HTML 57Page - ams AG AS3956 Datasheet HTML 58Page - ams AG AS3956 Datasheet HTML 59Page - ams AG AS3956 Datasheet HTML 60Page - ams AG AS3956 Datasheet HTML 61Page - ams AG AS3956 Datasheet HTML 62Page - ams AG AS3956 Datasheet HTML 63Page - ams AG AS3956 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
Page 60
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
SPI Interface
Communication between AS3956 and microcontroller can be
done via a four-wire Serial Peripheral Interface (SPI) and an
additional interrupt signal. AS3956 acts an SPI slave device, and
it can request MCU attention by sending an interrupt (pin IRQ).
Please note a 100k ohm pull down resistor is recommended to
be connected to the IRQ pin to prevent IRQ from floating when
/SS is high.The SCLK frequency can be between 100 kHz and 5
MHz.
In addition to Schmitt triggers on all digital input lines a glitch
suppression filter is implemented on the SCLK input and
suppresses glitches of length Tgs.
Figure 56:
SPI and Interrupt Signals
SPI interface is in reset mode when signal /SS is high, and it is
enabled when /SS is low. It is recommended to keep signal /SS
high whenever the SPI interface is not used. MOSI is sampled
at the falling edge of SCLK. All communication is done in 8-bit
blocks (bytes). First three bits of first byte transmitted after /SS
high to low transition define SPI operation mode. MSB bit is
always transmitted first (valid for address and data). Read and
Write modes support address auto incrementing, which means
that in case some additional data bytes may be sent (read), they
are written to (read from) addresses incremented by 1 after the
address and first data byte.
SPI interface supports the following modes:
• Internal registers read and write
• EEPROM read and write
• Buffer read and write
• Direct commands
Note that in case when logic and EEPROM are supplied from the
VP_IO, the only SPI operations permitted are reading and
writing of EEPROM and registers (see also Power Management).
Name
Signal
Signal Level
Description
/SS
Digital Input with pull-up
CMOS
SPI enable (active low)
MOSI
Digital Input
CMOS
Serial data input
MISO
Digital Output with tristate
CMOS
Serial data output
SCLK
Digital Input
CMOS
Clock for serial communication
IRQ
Digital Output
CMOS
Interrupt output pin (active high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com