Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 8 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 8 Page - ams AG

Back Button AS3956 Datasheet HTML 4Page - ams AG AS3956 Datasheet HTML 5Page - ams AG AS3956 Datasheet HTML 6Page - ams AG AS3956 Datasheet HTML 7Page - ams AG AS3956 Datasheet HTML 8Page - ams AG AS3956 Datasheet HTML 9Page - ams AG AS3956 Datasheet HTML 10Page - ams AG AS3956 Datasheet HTML 11Page - ams AG AS3956 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 6:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
DC supply voltage
-0.5
6.5
V
Vin
Input pin voltage except LC1
and LC2
-0.5
6.5
V
Input pin voltage pins LC1 and
LC2
-0.5
6.5
V
Peak current induced on pins
LC1 and LC2
50
mA
IscrLC
Input current LC1, LC2
(latch-up immunity)
-50
50
mA
JEDEC JESD78D
Iscr
Input current other pins
(latch-up immunity)
-100
100
mA
JEDEC JESD78D
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
(all pins except VP_REG)
±2
kV
JEDEC JS-001-2014
ESDHBMREG
Electrostatic discharge HBM
(VP_REG pin only)
±1
kV
JEDEC JS-001-2014
ESDCDM
ESD – charged device models
±500
V
JEDEC JESD22-C101F
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com