Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 93 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 93 Page - ams AG

Back Button AS3956 Datasheet HTML 89Page - ams AG AS3956 Datasheet HTML 90Page - ams AG AS3956 Datasheet HTML 91Page - ams AG AS3956 Datasheet HTML 92Page - ams AG AS3956 Datasheet HTML 93Page - ams AG AS3956 Datasheet HTML 94Page - ams AG AS3956 Datasheet HTML 95Page - ams AG AS3956 Datasheet HTML 96Page - ams AG AS3956 Datasheet HTML 97Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
ams Datasheet
Page 93
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Application Information
This section describes some general use cases of AS3956 in
combination with a microcontroller. The examples are shown
for explanatory purposes of specific AS3956 features. Detailed
descriptions of specific implementations are subject of
dedicated Application Notes.
Writing a NDEF Message into AS3956 Memory
AS3956 is an NFC Forum Type 2 Tag Platform and as such its
memory has to have the layout defined in NFC Forum Type 2
Tag Operation Specification. In a Type 2 Tag platform data is
stored in memory in the form of TLV blocks. A TLV block has
three fields: T field – tag field, L field – length field and
V field – value field.
• T field – indicates the type of the TLV block and is one byte
long.
• L field – gives the size in bytes of the value field. It’s 1 or
3 bytes long depending on the size of the value filed. When
the size of the value field is between 0 and 254 bytes, the
L field is one byte long and has a value between 00h and
FEh. For sizes of the value field between 255 and 65535
bytes, the L field is 3 bytes long. First byte is FFh indicating
that the size will be provided by the following two bytes
that can have values between 00FFh and FFFEh.
• V field – holds the bytes of the data carried by the TLV
block. When the L field is zero or not present, the V field
is omitted.
For NDEF messages the TLV block has a T field value of 03h and
the message is stored inside the V field. The NDEF Message TLV
should always be present in a T2T platform and at a minimum
it is an empty NDEF Message TLV, which is defined as an NDEF
Message TLV with L field equal 00h and no V field. For the NDEF
message format refer to NFC Data Exchange Format Technical
Specification.
Two more TLV types can exist in the memory, these are Lock
Control TLV and Memory Control TLV. When they are present
inside the memory, the NDEF Message TLV should be placed
after them.
Another structure that has to be present in the memory of T2T
platform is the Capability Container (CC). CC contains NFC
Forum management data. It is comprised of 4 bytes and always
resides at block number 03h of the memory.
The AS3956 comes with programmed CC (refer to Capability
Container in the section Memory Organization of this
datasheet), no Lock Control TLV and no Memory Control TLV.
The NDEF Message TLV then can be placed already at the
beginning of the data area of the memory - block 04h.
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com