| Electronic Components Datasheet Search |
|
AS3956 Datasheet(PDF) 47 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3956 Datasheet(HTML) 47 Page - ams AG |
|
47 / 109 page ![]() ams Datasheet Page 47 [v1-10] 2018-Apr-27 Document Feedback AS3956 − Detailed Description Extended Mode Extended mode enables communication between the NFC device and MCU by employing standard NFC Tag 2 Type READ and WRITE commands for data transfer RF to MCU and Buffer Load, Buffer Read, Clear Buffer and Transmit Buffer commands for data transfer MCU to NFC device. The purpose of this communication mode is to provide a simple data transfer mechanism between a NFC device and a MCU while guaranteeing correct timing and synchronization. This is achieved by implementing a robust handshake mechanism. This mode uses a part of the memory address space that is out of range of the internal physical memory. The communication between a NFC device and a MCU can be performed by using WRITE/READ commands on address FCh – FFh. Block addresses FCh to FFh, each block having 4 bytes, are mapped to the first 16 bytes of the internal Buffer. Writing to these addresses will write to the Buffer and reading will read from Buffer. Data with CRC or any other error will not be placed in the Buffer. Each successful write operation on any of these blocks, AS3956 will automatically reply with ACK. Maximum packet size for data from NFC device to MCU is 16 bytes and for data from MCU to NFC device is 12 bytes, as the last 4 bytes of the Read response, which is 16 bytes, are reserved for flags. Error handling in Extended mode is defined in Error Handling. Data received from RF side are kept available until the MCU reads the data. The implemented asynchronous transmission protocol arbitrates on overlapping memory accesses (producer-consumer principle) and complies with timing constraints of both RF and SPI / I²C protocols regardless of the MCU performance. Extended mode can be configured by setting Configuration Byte IC_CFG2 in EEPROM or the corresponding register ( IC Configuration Register 2). Extended mode uses an address space above the address space of the internal EEPROM. It is then possible for a NFC device to perform accesses to AS3956 internal memory and data transfer to/from the MCU, without switching modes. This feature allows the NFC device e.g. to request to the MCU a switch to Tunneling mode with a simple WRITE command. The extended mode communication employs a built-in buffer for communication. Access to buffer from RF and SPI / I²C is mutually exclusive. AS3956 ensures that buffer content shall be kept as long as the AS3956 is powered (even in case RF field is not present) and as long the tag is in SELECTED state. In case the RF field is switched off and then on again, the buffer content will be reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |