Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 67 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 67 Page - ams AG

Back Button AS3956 Datasheet HTML 63Page - ams AG AS3956 Datasheet HTML 64Page - ams AG AS3956 Datasheet HTML 65Page - ams AG AS3956 Datasheet HTML 66Page - ams AG AS3956 Datasheet HTML 67Page - ams AG AS3956 Datasheet HTML 68Page - ams AG AS3956 Datasheet HTML 69Page - ams AG AS3956 Datasheet HTML 70Page - ams AG AS3956 Datasheet HTML 71Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 109 page
background image
ams Datasheet
Page 67
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
SPI Timing
Figure 65:
SPI Timing
Note(s):
1. TSCLK=TSCLKL+TSCLKH, during EEPROM read the SCLK period has to be increased to 1μs (this limitation is imposed by EEPROM read
access time)
2. TNCSL = 300μs min in Power mode 0.
Symbol
Parameter
Min
Typ
Max
Unit
Note
General Timing (VP_IO= 3.3V, Temperature 25°C)
TSCLK
SCLK period
200
10000
ns
See note (1)
TSCLKL
SCLK low
80
ns
TSCLKH
SCLK high
80
ns
Tgs
Glitch suppression on
SCLK input
18
29
ns
TSSH
SPI reset (/SS high)
50
ns
TNCSL
/SS falling to SCLK rising
25(2)
ns
First SCLK pulse
TNCSH
SCLK falling to /SS rising
80
ns
Last SCLK pulse
TDIS
Data in setup time
10
ns
TDIH
Data in hold time
10
ns
Read Timing (VP_IO= 3.3V, Temperature 25°C, Cload ≤ 50pF)
TDOD
Data out delay
20
ns
TDOHZ
Data out to high
impedance delay
20
ns
EEPROM Write Timing (VP_IO= 3.3V, Temperature 25°C)
TEWS
EEPROM write time via SPI
8.3
9.5
ms
/SS rising edge to
IRQ I_io_eewr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com