Electronic Components Datasheet Search
  English  ▼

X  

AS3956 Datasheet(PDF) 26 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 26 Page - ams AG

Back Button AS3956 Datasheet HTML 22Page - ams AG AS3956 Datasheet HTML 23Page - ams AG AS3956 Datasheet HTML 24Page - ams AG AS3956 Datasheet HTML 25Page - ams AG AS3956 Datasheet HTML 26Page - ams AG AS3956 Datasheet HTML 27Page - ams AG AS3956 Datasheet HTML 28Page - ams AG AS3956 Datasheet HTML 29Page - ams AG AS3956 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 109 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
Coding of SENS_RES, SEL_REQ, ACK and NACK
Several bits in certain responses are defined as don’t-care in the
NFC-A standard [NFC Digital], some others are defined by
optional choices in standard protocol. This chapter defines how
these bits are actually set in AS3956.
SENS_RES Response
SENS_RES is a response on ALL_REQ and SENS_REQ commands.
The SENS_RES is defined by Configuration Bytes SENSR1 and
SENSR2 stored in EEPROM.
Figure 21:
Coding of SENS_RES Response
SEL_RES Response, Cascade Level 1 and 2
SEL_RES is the response to SEL_REQ command. Since AS3956
UID is double sized, SEL_RES responses for Cascade Level 1 and
Cascade Level 2 are defined. SEL_RES on Cascade Level 1 and 2
is defined with Configuration Byte SELR except for cascade bit
3. The response on Cascade Level 2 is also configured by selr_
b6_inv bit which, when set, inverts cascade bit 6 in SEL_RES
response on Cascade Level 2 (see IC_CFG2).
Figure 22:
SEL_RES CL1 Coding
Figure 23:
SEL_RES CL2 Coding
Note(s):
1. According to [ISO14443-3], all bits except b3 are “don’t care” for Cascade Level 1, and all bits except b6 and b3 are “don’t care” for
Cascade Level 2. Bit b6 in CL2 indicates whether the tag is compliant to [ISO14443] or not (resp. b6=1 and b6=0). In case of applications
requiring EMVCo compliance, bit b6 in Cascade Level 1 shall be set as bit b6 in Cascade Level 2 ([EMVCO-1]).
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
SENSR2
SENSR1
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
sel_res<7:3>
1
sel_res<1:0>
Cascade bit set: UID not complete
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
sel_res<7:6>
sel_res<5>
sel_res<4:3>
0
sel_res<1:0>
selr_b6_inv set to 0
NOT sel_res<5>
selr_b6_inv set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com