Electronic Components Datasheet Search
  English  ▼

X  

AMD8513 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 25Page - Infineon Technologies AG AMD8513 Datasheet HTML 26Page - Infineon Technologies AG AMD8513 Datasheet HTML 27Page - Infineon Technologies AG AMD8513 Datasheet HTML 28Page - Infineon Technologies AG AMD8513 Datasheet HTML 29Page - Infineon Technologies AG AMD8513 Datasheet HTML 30Page - Infineon Technologies AG AMD8513 Datasheet HTML 31Page - Infineon Technologies AG AMD8513 Datasheet HTML 32Page - Infineon Technologies AG AMD8513 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Data Sheet
29
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Registers Description
The register is addressed wordwise.
WUF2M_15
Wakeup Frame 2 Mask 15
6FH
56
WUF2O
Wakeup Frame 2 Offset
70H
56
WUF2CRCL
Wakeup Frame 2 CRC Low
71H
58
WUF2CRCH
Wakeup Frame 2 CRC High
72H
58
Res23
Reserved 23
73H
33
Res24
Reserved 24
74H
33
Res25
Reserved 25
75H
33
Res26
Reserved 26
76H
34
Res27
Reserved 27
77H
34
WUC
Wakeup Control
78H
59
Res28
Reserved 28
79H
34
WUS
Wakeup Status
7AH
60
IPHYC
Internal PHY Control
7BH
60
GPIO54C
GPIO[5:4] Control
7CH
61
Res29
Reserved 29
7DH
34
GPIO10C
GPIO[1:0] Control
7EH
62
GPIO32C
GPIO[3:2] Control
7FH
63
Test
TEST
80H
64
TM
Test Mode
81H
64
Table 65
Register Access Types
Mode
Symbol Description HW
Description SW
read/write
rw
Register is used as input for the HW
Register is readable and writable by SW
read
r
Register is written by HW (register
between input and output -> one cycle
delay)
Value written by software is ignored by
hardware; that is, software may write any
value to this field without affecting hardware
behavior (= Target for development.)
Read only
ro
Register is set by HW (register between
input and output -> one cycle delay)
SW can only read this register
Read virtual
rv
Physically, there is no new register, the
input of the signal is connected directly
to the address multiplexer.
SW can only read this register
Latch high,
self clearing
lhsc
Latch high signal at high level, clear on
read
SW can read the register
Latch low,
self clearing
llsc
Latch high signal at low-level, clear on
read
SW can read the register
Latch high,
mask clearing
lhmk
Latch high signal at high level, register
cleared with written mask
SW can read the register, with write mask
the register can be cleared (1 clears)
Latch low,
mask clearing
llmk
Latch high signal at low-level, register
cleared on read
SW can read the register, with write mask
the register can be cleared (1 clears)
Table 64
Registers Overview (cont’d)
Register Short Name
Register Long Name
Offset Address
Page Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com