Electronic Components Datasheet Search
  English  ▼

X  

AMD8513 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 12Page - Infineon Technologies AG AMD8513 Datasheet HTML 13Page - Infineon Technologies AG AMD8513 Datasheet HTML 14Page - Infineon Technologies AG AMD8513 Datasheet HTML 15Page - Infineon Technologies AG AMD8513 Datasheet HTML 16Page - Infineon Technologies AG AMD8513 Datasheet HTML 17Page - Infineon Technologies AG AMD8513 Datasheet HTML 18Page - Infineon Technologies AG AMD8513 Datasheet HTML 19Page - Infineon Technologies AG AMD8513 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
ADM8513
Data Sheet
Function Description
Data Sheet
16
Rev. 1.21, 2005-12-05
3
Function Description
3.1
USB Interface
USB is a likely solution any time you want to use a computer to communication with devices outside the computer.
The interface is suitable for one-of-kind and small-scale designs as well as mass-produced, standard peripheral.
The benefits to USB are easy to use, fast and reliable data transfers, flexibility, low cost and power conservation.
3.1.1
SIE
SIE (Serial Interface Engine) is to control USB communications and check USB protocol, then transfer protocol to
EP decoder. The SIE and USB transceivers, which provide the hardware interface to the USB cable, together
comprise the USB engine.
3.1.2
USB Command & EP Decoder
The detail description is in “USB Command”.
3.2
FIFO Controller
FIFO Controller in receive path is in charge of:
Stores received Ethernet packets to SRAM and multiple packets can be stored to SRAM. If more than
maximum packet counts are received or total packet size is more than the size of SRAM, the subsequent
coming Ethernet packet will be discarded.
FIFO controller will load data from SRAM to internal RX FIFO then inform EP Decoder that 64-byte data or a
packet is ready in RX FIFO. Before FIFO controller informs about this, any USB access to bulk IN endpoint will
return NAK. This is to maintain the data transfer on the USB bus via bulk IN transfer which is continuous, thus
a 64-byte internal RX FIFO is needed.
If an Ethernet packet is being received and loading into SRAM while FIFO Controller is moving data from
SRAM to internal RX FIFO, writing the Ethernet packet to SRAM will get the higher priority.
3.3
TX FIFO and RX FIFO
RX FIFO is a one-port 64-byte FIFO and TX FIFO is a two-port 2K-byte FIFO.
3.4
10/100M Ethernet PHY
The Ethernet PHY is compliant to IEEE 802.3u 100BASE-TX and IEEE802.3 10BASE-T. It provides the whole
physical layer functions for both 10M and 100M Ethernet speed.
4
USB Device Endpoint Operation
4.1
Endpoint 0
Endpoint 0 is in charge of response to standard USB commands and vendor specific commands. Internal register
settings are also via this endpoint. The response to each command is described in section 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com