Electronic Components Datasheet Search
  English  ▼

X  

AMD8513 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 67Page - Infineon Technologies AG AMD8513 Datasheet HTML 68Page - Infineon Technologies AG AMD8513 Datasheet HTML 69Page - Infineon Technologies AG AMD8513 Datasheet HTML 70Page - Infineon Technologies AG AMD8513 Datasheet HTML 71Page - Infineon Technologies AG AMD8513 Datasheet HTML 72Page - Infineon Technologies AG AMD8513 Datasheet HTML 73Page - Infineon Technologies AG AMD8513 Datasheet HTML 74Page - Infineon Technologies AG AMD8513 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
Data Sheet
71
Rev. 1.21, 2005-12-05
ADM8513
Data Sheet
Registers Description
Auto-Negotiation Advertisement
ANA
Offset
Reset Value
Auto-Negotiation Advertisement
4H
0001H
Field
Bits
Type
Description
NP
15
rw
Next Page
0B
NNP, Device not set to use Next Page
1B
NP, Device set to use Next Page
RF
13
rw
Remote Fault
0B
NFD, No fault detected
1B
RF, Local remote fault sent to link partner
NI
12:11
ro
Not Implemented
Technology ability bits A7-A6
PAU
10
rw
Pause
Technology ability bit A5
NI
9
ro
Not Implemented
Technology ability bit A4
100FD
8
rw
100BASE-TX Full Duplex
Technology ability bit A3
0B
100NFD, Unit is not capable of Full Duplex
1B
100FD, Unit is capable of Full Duplex
100HD
7
rw
100BASE-TX Half Duplex
Technology ability bit A2
0B
100NHD, Unit is not capable of Half Duplex 100BASE-TX
1B
100HD, Unit is capable of Half Duplex
10FD
6
rw
10BASE-T Full Duplex
Technology ability bit A1
0B
10NFD, Unit is not capable of Full Duplex 10BASE-T
1B
10FD, Unit is capable of Full Duplex 10BASE-T
10HD
5
rw
10BASE-T Half Duplex
Technology ability bit A0
0B
10NHD, Unit is not capable of Half Duplex 10BASE-T
1B
10HD, Unit is capable of Half Duplex 10BASE-T
SF
4:0
ro
Selector Field
Identifies type of message being sent. Currently only one value is
defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com