Electronic Components Datasheet Search
  English  ▼

X  

AMD8513 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 42Page - Infineon Technologies AG AMD8513 Datasheet HTML 43Page - Infineon Technologies AG AMD8513 Datasheet HTML 44Page - Infineon Technologies AG AMD8513 Datasheet HTML 45Page - Infineon Technologies AG AMD8513 Datasheet HTML 46Page - Infineon Technologies AG AMD8513 Datasheet HTML 47Page - Infineon Technologies AG AMD8513 Datasheet HTML 48Page - Infineon Technologies AG AMD8513 Datasheet HTML 49Page - Infineon Technologies AG AMD8513 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
ADM8513
Data Sheet
Registers Description
Data Sheet
46
Rev. 1.21, 2005-12-05
PHY Data Low
PHY Data High
PHYDL
Offset
Reset Value
PHY Data Low
26H
00H
Field
Bits
Type
Description
PHYDL
7:0
rw
PHY Data Low
SW set this register when write to PHY register.
HW set this register when read data from PHY register.
PHYDH
Offset
Reset Value
PHY Data High
27H
00H
Field
Bits
Type
Description
PHYDH
7:0
rw
PHY Data High
SW set this register when write to PHY register.
HW set this register when read data from PHY register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com