Electronic Components Datasheet Search
  English  ▼

X  

AMD8513 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 38Page - Infineon Technologies AG AMD8513 Datasheet HTML 39Page - Infineon Technologies AG AMD8513 Datasheet HTML 40Page - Infineon Technologies AG AMD8513 Datasheet HTML 41Page - Infineon Technologies AG AMD8513 Datasheet HTML 42Page - Infineon Technologies AG AMD8513 Datasheet HTML 43Page - Infineon Technologies AG AMD8513 Datasheet HTML 44Page - Infineon Technologies AG AMD8513 Datasheet HTML 45Page - Infineon Technologies AG AMD8513 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
ADM8513
Data Sheet
Registers Description
Data Sheet
42
Rev. 1.21, 2005-12-05
Occupied Receive FIFO Based Flow Control
EP1 Control
ORFBFC
Offset
Reset Value
Occupied Receive FIFO Based Flow Control
1BH
00H
Field
Bits
Type
Description
RXS
6:1
rw
RX Size
This field specifies the Kbyte threshold for transmitting the PAUSE frame.
As the received FIFO is occupied than or equal to this field, the PAUSE
frame is sent automatically by HW.
If this field = 2, as receive FIFO is occupied more than or equal to 2 Kbyte,
the PAUSE frame is transmitted.
FCRXS
0
rw
Flow Control RX Size
1B
RFS, Enables pause frame transmission based on occupied
received FIFO size
EP1C
Offset
Reset Value
EP1 Control
1CH
04H
Field
Bits
Type
Description
EP1S0E
7
rw
EP1 Send
0B
DEP1, Disables EP1 send 1-byte 00 function
1B
EEP1, Enables EP1 send 1-byte 00 when more than frame_
interval’s NAK is received
FID
6:5
rw
Frame Interval Detail
This value is the detailed scale of frame interval, it is from 0ms to 3ms.
00B , for more than 0 plus frame_interval ms NAK, EP1 sends 1-byte 00
01B , for more than 1 plus frame_interval ms NAK, EP1 sends 1-byte 00
11B , for more than 3 plus frame_interval ms NAK, EP1 sends 1-byte 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com