Electronic Components Datasheet Search
  English  ▼

X  

AMD8513 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # AMD8513
Description  USB-to-10/100 Mbps Ethernet LAN Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AMD8513 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button AMD8513 Datasheet HTML 18Page - Infineon Technologies AG AMD8513 Datasheet HTML 19Page - Infineon Technologies AG AMD8513 Datasheet HTML 20Page - Infineon Technologies AG AMD8513 Datasheet HTML 21Page - Infineon Technologies AG AMD8513 Datasheet HTML 22Page - Infineon Technologies AG AMD8513 Datasheet HTML 23Page - Infineon Technologies AG AMD8513 Datasheet HTML 24Page - Infineon Technologies AG AMD8513 Datasheet HTML 25Page - Infineon Technologies AG AMD8513 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
ADM8513
Data Sheet
USB Commands
Data Sheet
22
Rev. 1.21, 2005-12-05
5.1.10
Get Descriptor (Configuration) Total 39-byte
Data Stage
Table 37
Data Stage: wLength Field Specifies the Total byte Count to Return 1
Offset 0 Offset 1
(type)
Offset 2 (USB
release no. L)
Offset 3 (USB
release no. H)
Offset 4
(Class code)
Offset 5 (Sub
Class Code)
Offset 6
(Protocol)
Offset 7 (EP0
MaxPktSize)
12(1B)
01(1B)
10(1B)
01(1B)
FF(1B)
00(1B)
ff(1B)
8(1B)
Table 38
Data Stage: wLength Field Specifies the Total byte Count to Return 2
Offset 8 (vendor ID)
Low
Offset 9(vendor ID)
High
Offset 10
(productID) Low
Offset 11
(productID) High
Offset 12 (releaseID
Low)
(1B)
(1B)
(1B)
(1B)
01(1B)
Table 39
Data Stage: wLength Field Specifies the Total byte Count to Return 3
Offset 13 (releaseID
High)
Offset 14
(manufacture)
Offset 15 (Product) Offset 16 (serial
no.)
Offset 17 (no. of
config)
01(1B)
01(1B)
02(1B)
03(1B)
01(1B)
Table 40
Setup Stage
BmReq
bReq
wValue L(1B) wValue H(1B) wIndex(2B)
wLength
L(1B)
wLength
H(1B)
80
6
02
00
0
Length low
Length high
Table 41
Configuration Descriptor 1
Offset 0 (Length)
Offset 1 (DscrType) Offset 2
(TotalLength) Low
Offset 3
(TotalLength) High
Offset 4
(NumInterface)
09(1B)
02(1B)
27(1B)
00(1B)
01(1B)
Table 42
Configuration Descriptor 2
Offset 5 (ConfgValue)
Offset 6 (StringIndex)
Offset 7 (Attribute)
Offset 8(MaxPower)
00(1B)
00(1B)
E0(1B)
max_pwr(1B)
Table 43
Interface 0 Descriptor
Offset 0
(Length)
Offset 1
(DscrType)
Offset 2
(Interface
Num)
Offset 3
(AltInterfa
ce)
Offset 4
(NumEP)
Offset 5
(IntfClass)
Offset 6
(IntfSubCl
ass)
Offset 7
(IntfProto
col)
Offset 8
(StringInd
ex)
09(1B)
04(1B)
00(1B)
00(1B)
03(1B)
FF(1B)
E0(1B)
FF(1B)
00(1B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com