Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL8117DEMO2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117DEMO2Z Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL8117DEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL8117
FN8666 Rev 4.00
Page 3 of 24
Apr 19, 2018
Pin Configurations
ISL8117
16 LD 4x4 QFN
TOP VIEW
ISL8117
16 LD HTSSOP
TOP VIEW
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
TAPE AND REEL
(Units) (Note 1)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL8117FRZ
81 17FRZ
-40 to +125
-
16 Ld 4x4 QFN
L16.4x4A
ISL8117FRZ-T
81 17FRZ
-40 to +125
6k
16 Ld 4x4 QFN
L16.4x4A
ISL8117FRZ-T7A
81 17FRZ
-40 to +125
250
16 Ld 4x4 QFN
L16.4x4A
ISL8117FVEZ
8117 FVEZ
-40 to +125
-
16 Ld HTSSOP
M16.173A
ISL8117FVEZ-T
8117 FVEZ
-40 to +125
2.5k
16 Ld HTSSOP
M16.173A
ISL8117FVEZ-T7A
8117 FVEZ
-40 to +125
250
16 Ld HTSSOP
M16.173A
ISL8117EVAL1Z
Evaluation Board for HTSSOP
ISL8117DEMO1Z
Demonstration Board for HTSSOP
ISL8117EVAL2Z
Evaluation Board for QFN
ISL8117DEMO2Z
Demonstration Board for QFN
ISL8117DEMO3Z
Demonstration Board for QFN
ISL8117DEMO4Z
Demonstration Board for QFN
NOTES:
1. Refer to TB347 for details about reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin plate
plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), refer to the ISL8117 product information page. For more information about MSL, refer to TB363.
1
3
4
15
CLKOUT
MOD/SYNC
PGOOD
RT
16
14
13
2
12
10
9
11
6
57
8
UGATE
PHASE
ISEN
VCC5V
SGND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
EXTBIAS
EN
CLKOUT
MOD/SYNC
PGOOD
RT
FB
SS/TRK
VIN
UGATE
PHASE
ISEN
VCC5V
LGATE/OCS
PGND
BOOT
SGND
Pin Descriptions
PIN #
(HTSSOP)
PIN #
(QFN)
PIN
NAME
FUNCTION
3
1
CLKOUT
Clock signal output. The frequency of the clock signal is the switching frequency set by the resistor from RT to ground.
4
2
MOD/SYNC Dual function pin. Connect this pin to VCC5V to select Diode Emulation mode with pulse skipping at light-load. While
connected to ground or floating, the controller operates in PWM mode at light-load.
Connect this pin to an external clock for synchronization. The controller operates in PWM mode at light-load when
synchronized with an external clock.
5
3
PGOOD
Open-drain logic output used to indicate the status of output voltage. This pin is pulled down when the output is not within
±11% of the nominal voltage or the EN pin is pulled LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com