Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL8117DEMO2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117DEMO2Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL8117DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL8117
FN8666 Rev 4.00
Page 9 of 24
Apr 19, 2018
PWM GATE DRIVER
Source Current
IGSRC
2000
mA
Sink Current
IGSNK
2000
mA
Upper Drive Pull-Up
RUG_UP
VCC5V = 5.0V
1.5
Ω
Upper Drive Pull-Down
RUG_DN
VCC5V = 5.0V
1.5
Ω
Lower Drive Pull-Up
RLG_UP
VCC5V = 5.0V
1.0
Ω
Lower Drive Pull-Down
RLG_DN
VCC5V = 5.0V
0.8
Ω
Upper Drive Rise Time
tGR_UP
COUT = 1000pF
9.0
ns
Upper Drive Fall Time
tGF_UP
COUT = 1000pF
8.0
ns
Lower Drive Rise Time
tGR_DN
COUT = 1000pF
7.0
ns
Lower Drive Fall Time
tGF_DN
COUT = 1000pF
6.1
ns
OVERVOLTAGE PROTECTION
OVP Threshold
VOVTH
116
121
127
%
OVERCURRENT PROTECTION
OC Set Current Source
IOCSET-CS LGATE/OCS = 0V
9
10.5
11.5
µA
OVER-TEMPERATURE
Over-Temperature Shutdown
TOT-TH
160
°C
Over-Temperature Hysteresis
TOT-HYS
15
°C
NOTES:
6. In normal operation, where the device is supplied with voltage on the VIN pin, the VCC5V pin provides a 5V output capable of 75mA (min). When the
device is supplied by an external 5V supply on the EXTBIAS pin, the internal LDO regulator is disabled. The voltage at VCC5V should not exceed the
voltage at VIN at any time. (Refer to “Pin Descriptions” on page 3 for more details.)
7. This is the total shutdown current with VIN = 5.6V and 60V.
8. Operating current is the supply current consumed when the device is active but not switching. It does not include gate drive current.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. Threshold voltage at PHASE pin for turning off the bottom MOSFET during DEM.
11. When soft-start time is less than 4.5ms, tPGR increases. With internal soft-start (the fastest soft-start time), tPGR increases close to its max limit 5ms.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 5 and “Typical
Application Schematics” on page 6. VIN = 4.5V to 60V, or VCC5V = 5V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C,
unless otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com