Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL8117DEMO2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117DEMO2Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL8117DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL8117
FN8666 Rev 4.00
Page 7 of 24
Apr 19, 2018
Absolute Maximum Ratings
Thermal Information
VCC5V to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.9V
EXTBIAS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +5.9V
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +62.5V
BOOT/UGATE to PHASE . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
PHASE and ISEN to GND . . . . . . . . . . . . . -5V (<20ns)/-0.3V (DC) to +62.5V
EN, PGOOD, SS/TRK, FB to GND. . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
LGATE/OCS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
RT, MOD/SYNC, CLKOUT to GND. . . . . . . . . . . . . . . . . -0.3V to VCC5V+0.3V
VCC5V Short-Circuit to GND Duration. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1s
ESD Rating
Human Body Model (Tested per JS-001-2010) . . . . . . . . . . . . . . . . . . 4kV
Machine Model (Tested per JESD22-A115C) . . . . . . . . . . . . . . . . . . 400V
Charge Device Model (Tested per JESD22-C101E). . . . . . . . . . . . . . . 2kV
Latch-up (Tested per JESD78D; Class II, Level A, +125°C) . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
16 Ld QFN Package (Notes 4, 5) . . . . . . . .
40
2.5
16 Ld HTSSOP Package (Notes 4, 5) . . . . .
35
4.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Maximum Operating Temperature . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Maximum Storage Temperature. . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 60V
VCC5V to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.1V to 5.5V
EXTBIAS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.1V to +5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. See TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Block Diagram” on page 5 and “Typical
Application Schematics” on page 6. VIN = 4.5V to 60V, or VCC5V = 5V ±10%, C_VCC5V = 4.7µF, TA = -40°C to +125°C, Typical values are at TA = +25°C,
unless otherwise specified. Boldface limits apply across the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)TYP
MAX
(Note 9)UNIT
VIN SUPPLY
Input Voltage Range
VIN
4.5
60.0
V
VIN SUPPLY CURRENT
Shutdown Current (Note 6)IVINQ
EN = 0
PGOOD is floating
5
10
µA
Operating Current (Note 8)IVINOP
PGOOD is floating
2.5
4
mA
VCC5V SUPPLY (Note 6)
Operation Voltage
VCC
VIN = 12V, IL = 0mA
4.85
5.1
5.4
V
Internal LDO Output Voltage
VIN = 4.5V, IL = 30mA
4.1
4.4
V
Internal LDO Output Voltage
VIN > 5.6V, IL = 75mA
4.75
5.05
V
Maximum Supply Current of Internal LDO
IVCC_MAX VVCC5V = 0V, VIN = 12V
120
mA
EXTBIAS SUPPLY (Note 6)
Switch Over Threshold Voltage, Rising
VEXT_THR EXTBIAS voltage
4.5
4.7
4.9
V
Switch Over Threshold Voltage, Falling
VEXT_THF EXTBIAS voltage
4.2
4.5
4.65
V
Internal Switch ON-resistance
REXT
VIN = 12V
1.5
Ω
UNDERVOLTAGE LOCKOUT
Undervoltage Lockout, Rising
VUVLOTHR VIN voltage, 0mA on VCC5V
3.7
3.90
4.2
V
Undervoltage Lockout, Falling
VUVLOTHF VIN voltage, 0mA on VCC5V
3.35
3.50
3.85
V
EN THRESHOLD
EN Rise Threshold
VENSS_THR VIN > 5.6V
1.25
1.60
1.95
V
EN Fall Threshold
VENSS_THF VIN > 5.6V
1.05
1.25
1.55
V
EN Hysteresis
VENSS_HYST VIN > 5.6V
180
350
500
mV
SOFT-START CURRENT
SS/TRK Soft-Start Charge Current
ISS
SS/TRK = 0V
2.00
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com