Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL8117DEMO2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117DEMO2Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL8117DEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN8666 Rev 4.00
Page 1 of 24
Apr 19, 2018
FN8666
Rev 4.00
Apr 19, 2018
ISL8117
Synchronous Step-Down PWM Controller
DATASHEET
The ISL8117 is a synchronous buck controller used to generate
POL voltage rails and bias voltage rails for a wide variety of
applications in industrial and general purpose segments. Its
wide input and output voltage ranges make it suitable for
telecommunication and after-market automotive applications.
The ISL8117 uses the valley current modulation technique to
bring hassle-free power supply design with a minimal number
of components and complete protection from unwanted
events.
The ISL8117 offers programmable soft-start and enable
functions along with a power-good indicator for ease of supply
rail sequencing and other housekeeping requirements. In ideal
situations, a complete power supply circuit can be designed
with 10 external components and provide OV/OC/OT
protections in a space conscious 16 Ld 4mmx4mm QFN or
easy to assemble 6.4mmx5mm 16 Ld HTSSOP package. Both
packages use an EPAD to improve thermal dissipation and
noise immunity. Low pin count, fewer external components,
and default internal values makes the ISL8117 an ideal
solution for quick to market simple power supply designs. The
ISL8117 uses internal loop compensation and single resistor
settings for other functions such as operating frequency and
overcurrent protection. Its current mode control with VIN feed-
forward enables it to cover various applications even with fixed
internal compensations. The unique DEM/Skipping mode at
light-load dramatically lowers standby power consumption
with consistent output ripple over different load levels.
Related Literature
For a full list of related documents, visit our website
• ISL8117 product page
Features
• Wide input voltage range: 4.5V to 60V
• Wide output voltage range: 0.6V to 54V
• Light-load efficiency enhancement
- Low ripple Diode Emulation mode with pulse skipping
•Programmable soft-start
• Supports prebiased output with SR soft-start
• Programmable frequency: 100kHz to 2MHz
•External sync
•PGOOD indicator
•Forced PWM
• Adaptive shoot-through protection
• No external current sense resistor
- Use lower MOSFET rDS(ON)
• Complete protection
- Overcurrent, overvoltage, over-temperature, undervoltage
• Pb-free (RoHS compliant)
Applications
• PLC and factory automation
•Amusement machines
•Security surveillance
• Servers and data centers
•Switchers and routers
• Telecom and datacom
•LED panels
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY
VIN
VOUT
ISEN
PGOOD
CLKOUT
SS/TRK
RT
EN
PHASE
LGATE
OCS
VCC5V
UGATE
BOOT
VIN
EXTBIAS
16
1
2
3
4
5
6
7
10
11
12
13
14
15
MOD
SYNC
SGND
FB
8
PGND 9
84
86
88
90
92
94
96
98
100
02468
10
12
14
16
OUTPUT CURRENT (A)
VIN = 24V
VIN = 36V
VIN = 18V
VIN = 48V
VIN = 60V


Similar Part No. - ISL8117DEMO2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8117DEMO2Z INTERSIL-ISL8117DEMO2Z Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
More results

Similar Description - ISL8117DEMO2Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
600kHz Synchronous PWM Step Down Controller
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6121CN-L SIPEX-SP6121CN-L Datasheet
1Mb / 42P
Low Voltage, Synchronous Step Down PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com