Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL8117DEMO2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117DEMO2Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL8117DEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ISL8117
FN8666 Rev 4.00
Page 4 of 24
Apr 19, 2018
6
4
RT
A resistor from this pin to ground adjusts the switching frequency from 100kHz to 2MHz. The switching frequency of the
PWM controller is determined by the resistor, RT as shown in Equation 1.
Where fSW is the switching frequency in MHz.
When this pin is tied to ground, the output frequency is set to 300kHz.
When this pin is tied to VCC5V or floating, the output frequency is set to 600kHz.
7
5
SS/TRK
Dual function pin. When used for soft-starting control, a soft-start capacitor is connected from this pin to ground. A
regulated 2μA soft-starting current charges up the soft-start capacitor. Value of the soft-start capacitor sets the output
voltage ramp.
When used for tracking control, an external supply rail is configured as the master and the output voltage of the master
supply is applied to this pin using a resistor divider. The output voltage will track the master supply voltage.
8
6
FB
Output feedback input. Connect FB to a resistive voltage divider from the output to SGND to adjust the output voltage.
9
7
PGND
Power ground connection. This pin should be connected to the sources of the lower MOSFETs and the (-) terminals of the
external input capacitors.
10
8
LGATE/OCS Low-side MOSFET gate driver output and OC set pin. Connect a 1k to 30k resistor between this pin and ground to set the
overcurrent threshold. If there is no resistor connected from this pin to GND, the overcurrent threshold is automatically
set to the same point as a 10k resistor.
11
9
VCC5V
Output of the internal 5V linear regulator. This output supplies bias for the IC, the low-side gate driver and the internal
boot circuitry for the high-side gate driver. The VCC5V pin must always be decoupled to power ground with a minimum of
4.7µF ceramic capacitor placed very close to the pin. Do not allow the voltage at VCC5V to exceed VIN at any time. To
prevent excessive current through the VCC5V pin to the VIN pin, a resistor can be connected from the VIN pin to the power
supply.
12
10
ISEN
Current sense signal input. This pin is used to monitor the voltage drop across the lower MOSFET for current loop feedback
and overcurrent protection.
13
11
PHASE
Phase node connection. This pin is connected to the junction of the upper MOSFET’s source, output filter inductor, and lower
MOSFET’s drain.
14
12
UGATE
High-side MOSFET gate driver output.
15
13
BOOT
Bootstrap pin to provide bias for high-side driver. The positive terminal of the bootstrap capacitor connects to this pin. The
bootstrap diode is integrated to help reduce total cost and reduce layout complexity.
16
14
VIN
This pin should be tied to the input rail. It provides power to the internal linear drive circuitry and is also used by the
feed-forward controller to adjust the amplitude of the PWM sawtooth. Decouple this pin with a small ceramic capacitor
(0.1µF to 1µF) to ground.
1
15
EXTBIAS
Input from an optional external 5V bias supply. There is an internal switch from this pin to VCC5V. This switch closes and
supplies the IC power, bypassing the internal linear regulator, when voltage at EXTBIAS is higher than 4.7V (typ). Do not
allow voltage at the EXTBIAS pin to exceed VIN at any time. To prevent excessive current through the EXTBIAS pin to the
VIN pin, a resistor can be connected from the VIN pin to the power supply.
Decouple this pin to ground with a small ceramic capacitor (0.1µF to 1µF) when it is in use, otherwise tie this pin to
ground. DO NOT float this pin.
2
16
EN
This pin provides an enable/disable function. The output is disabled when the pin is pulled to ground. When the voltage
on the pin reaches 1.6V, the output becomes active. When the pin is floating, it will be enabled in default by internal
pull-up.
--
SGND
EPAD
This is the small-signal ground common to all control circuitry. It is suggested to route this separately from the high
current ground (PGND). SGND and PGND can be tied together if there is one solid ground plane with no noisy currents
around the chip. All voltage levels are measured with respect to this pin.
EPAD at ground potential. EPAD is connected to SGND internally. However, it is highly recommended to solder it directly
to ground plane for better thermal performance and noise immunity.
Pin Descriptions (Continued)
PIN #
(HTSSOP)
PIN #
(QFN)
PIN
NAME
FUNCTION
RT
39.2
fSW
----------- 1.96
–

 k
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com