Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL8117DEMO2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117DEMO2Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL8117DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ISL8117
FN8666 Rev 4.00
Page 11 of 24
Apr 19, 2018
FIGURE 12. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 13. NORMALIZED OUTPUT VOLTAGE vs VOLTAGE ON
SOFT-START PIN
FIGURE 14. CCM MODE EFFICIENCY
FIGURE 15. DEM MODE EFFICIENCY
FIGURE 16. CCM MODE LOAD REGULATION
FIGURE 17. CCM MODE LINE REGULATION
Typical Performance Curves OscilloscopeplotsaretakenusingtheISL8117EVAL2Zevaluationboard,V
IN = 18 to 60V,
VOUT = 12V, IOUT = 20A unless otherwise noted. (Continued)
TEMPERATURE (°C)
595
596
597
598
599
600
601
602
603
604
605
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
20
40
60
80
100
120
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SOFT-START PIN VOLTAGE (V)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
VIN = 18V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 60V
IOUT (A)
20
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
IOUT (A)
VIN = 18V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 60V
20
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
101214
1618
20
OUTPUT CURRENT (A)
VIN = 36V
VIN = 48V
VIN = 60V
VIN = 18V
VIN = 24V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
18
24
30
36
42
48
54
60
IO = 20A
VIN (V)
IO = 10A
IO = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com