Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8117DEMO2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117DEMO2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8117DEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL8117
FN8666 Rev 4.00
Page 21 of 24
Apr 19, 2018
Revision History The revision history provided is for informational purposes only and is believed to be accurate, but not
warranted. Please go to web to make sure you have the latest revision.
DATE
REVISION
CHANGE
Apr 19, 2018 FN8666.4 Updated Related Literature on page 1.
Ordering Information table on page 3:
Added Tape and Reel parts and Tape and Reel column. Updated Note 1.
Added ISL8117DEMO3Z and ISL8117DEMO4Z.
Page 19: Output Capacitor Selection section, fourth paragraph, first sentence:
Changed “The maximum capacitor value. . .” to: “The minimum capacitor value. . .”
Removed About Intersil section.
Updated Disclaimer.
Updated POD L16.4x4A from rev 3 to rev 4, changes since rev 3:
Updated bottom view: 2.40 to 2.45 +0.10/-0.152.45 (2 dimensions)
Updated typical recommend land pattern: 2.40 to 2.45
Jun 4, 2015
FN8666.3 Description, page 1 - changed "with 13 external components" to "with 10 external components".
On page 3, EN pin description - changed "When the voltage on the pin reaches 1.3V, the output becomes active" to "When
the voltage on the pin reaches 1.6V, the output becomes active".
On page 14, right column, changed "Thermal protection may be triggered if die temperature increases above +150°C due
to excessive power dissipation" to "Thermal protection may be triggered if die temperature increases above +160°C due
to excessive power dissipation".
On page 14, right column, changed "When the EN pin voltage is higher than 1.3V, the controller is enabled to initialize its
internal circuit" to "When the EN pin voltage is higher than 1.6V, the controller is enabled to initialize its internal circuit".
May 12, 2015 FN8666.2 Replaced Figures 1, 4, and 5.
Updated the MOD/SYNC Pin description on page 3.
May 6, 2015
FN8666.1 Added HTSSOP package/part information throughout datasheet.
On page 7, updated “IVINOP” parameter Typical value from “3mA” to “2.5mA”.
Added 2nd Paragraph to “Overvoltage Protection” section on page 17.
Apr 10, 2015 FN8666.0 Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com