Electronic Components Datasheet Search
  English  ▼

X  

ISL8117DEMO2Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL8117DEMO2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117DEMO2Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL8117DEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8117DEMO2Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISL8117
FN8666 Rev 4.00
Page 10 of 24
Apr 19, 2018
Typical Performance Curves OscilloscopeplotsaretakenusingtheISL8117EVAL2Zevaluationboard,V
IN = 18 to 60V,
VOUT = 12V, IOUT = 20A unless otherwise noted.
FIGURE 6. SHUTDOWN CURRENT vs TEMPERATURE
FIGURE 7. QUIESCENT CURRENT vs TEMPERATURE
FIGURE 8. VCC5V LOAD REGULATION
FIGURE 9. VCC5V LINE REGULATION
FIGURE 10. SWITCHING FREQUENCY vs TEMPERATURE (RT = 36kΩ)
FIGURE 11. SWITCHING FREQUENCY vs VIN
TEMPERATURE (°C)
0
1
2
3
4
5
6
7
8
9
10
-40
-25
-10
5
20
35
50
65
80
95
110 125
TEMPERATURE
(°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
5
6
0
20
40
60
80
100
120
LOAD CURRENT (mA)
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
0
1020
304050
60
VIN (V)
TEMPERATURE (°C)
1000
1010
1020
1030
1040
1050
1060
1070
1080
1090
1100
-40
-25
-10
5
20
35
50
65
80
95
110 125
VIN (V)
0
50
100
150
200
250
300
350
0
5
10
15
20
25
30
35
40
45
50
55 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com