Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7571 Datasheet HTML 1Page - Renesas Technology Corp EL7571 Datasheet HTML 2Page - Renesas Technology Corp EL7571 Datasheet HTML 3Page - Renesas Technology Corp EL7571 Datasheet HTML 4Page - Renesas Technology Corp EL7571 Datasheet HTML 5Page - Renesas Technology Corp EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 3 of 19
October 25, 2004
NOTE: Pin designators: I = Input, O = Output, S = Supply
IVID
VID Input Pull up Current
3
5
7
µA
IOTEN
OTEN Input Pull up Current
3
5
7
µA
DC Electrical Specifications
TA = 25°C, VIN = 5V, COSC = 330pF, CSLOPE = 390pF, RSENSE = 7.5m unless otherwise specified.
(Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
AC Electrical Specifications
TA = 25°C, VIN = 5V, COSC = 330pF, CSLOPE = 390pF unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Nominal Oscillator Frequency
COSC = 330pF
140
190
240
kHz
fCLK
Clock Frequency
50
500
1000
kHz
tOTEN
Shutdown Delay
VOTEN>1.5V
100
ns
tSYNC
Oscillator Sync. Pulse Width
Oscillator i/p (COSC) driven with
HCMOS gate
20
800
ns
TSTART
Soft-start Period
VOUT = 3.5V
100/fCLK
us
DMAX
Maximum Duty Cycle
97
%
Pin Descriptions
PIN NO.
PIN NAME
PIN TYPE
(NOTE 1)
FUNCTION
1
OTEN
I
Chip enable input, internal pull up (5mA typical). Active high.
2
CSLOPE
I
With a capacitor attached from CSLOPE to GND, generates the voltage ramp compensation for the PWM
current mode controller. Slope rate is determined by an internal 14uA pull up and the CSLOPE capacitor
value. VCSLOPE is reset to ground at the termination of the high side cycle.
3
COSC
I
Multi-function pin: with a timing capacitor attached, sets the internal oscillator rate fS (kHz) = 57/COSC (µF);
when pulsed low for a duration tSYNC synchronizes device to an external clock.
4
REF
O
Band gap reference output. Decouple to GND with 0.1uF.
5
PWRGD
O
Power good, open drain output. Set low whenever the output voltage is not within ±13% of the programmed
value.
6
VID0
I
Bit 0 of the output voltage select DAC. Internal pull up sets input high when not driven.
7
VID1
I
Bit 1 of the output voltage select DAC. Internal pull up sets input high when not driven.
8
VID2
I
Bit 2 of the output voltage select DAC. Internal pull up sets input high when not driven.
9
VID3
I
Bit 3 of the output voltage select DAC. Internal pull up sets input high when not driven.
10
VID4
I
Bit 4 of the output voltage select DAC. Internal pull up sets input high when not driven.
11
FB
I
Voltage regulation feedback input. Tie to VOUT for normal operation.
12
CS
I
Current sense. Current feedback input of PWM controller and over current capacitor input. Current limit
threshold set at +154mV with respect to FB. Connect sense resistor between CS and FB for normal
operation.
13
GND
S
Ground
14
GNDP
S
Power ground for low side FET driver. Tie to GND for normal operation.
15
LSD
O
Low side gate drive output.
16
VINP
S
Input supply voltage for low side FET driver. Tie to VIN for normal operation.
17
VIN
S
Input supply voltage for control unit.
18
LX
S
Negative supply input for high side FET driver.
19
HSD
O
High side gate drive output. Driver ground referenced to LX. Driver supply may be bootstrapped to enhance
low controller input voltage operation.
20
VH1
S
Positive supply input for high side FET driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com