Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL7571 Datasheet HTML 1Page - Renesas Technology Corp EL7571 Datasheet HTML 2Page - Renesas Technology Corp EL7571 Datasheet HTML 3Page - Renesas Technology Corp EL7571 Datasheet HTML 4Page - Renesas Technology Corp EL7571 Datasheet HTML 5Page - Renesas Technology Corp EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 5 of 19
October 25, 2004
Typical Performance Curves (Continued)
5V Non-sync Transient Response
1
12V Transient Response
1
+5V Supply +12V Controller Sync w/o Schottky VRM
Efficiency
1.0
IOUT (A)
0.02
0.8
0.7
0.6
0.5
0.9
1.02
3.04
5.04
11.04
13.04
9.04
7.04
+5V Supply Sync with Schottky Load
2.5
IOUT (A)
0
0.5
-0.5
-1.5
-2.5
1.5
13
5
11
13
9
7
0
+5V Supply Non-Sync VRM Efficiency
IOUT (A)
1.0
0.8
0.7
0.6
0.5
0.9
+5V Supply Sync with Schottky VRM Efficiency
IOUT (A)
1.0
0.8
0.7
0.6
0.5
0.9
013
5
11
13
9
70
1
3
5
11
13
9
7
VOUT = 1.8V
VOUT = 1.3V
VOUT = 2.8V
VOUT = 3.5V
VOUT = 1.8V
VOUT = 2.8V
VOUT = 1.3V
VOUT = 3.5V
VOUT = 3.5V
VOUT = 1.3V
VOUT = 1.8V
VOUT = 2.8V
VOUT = 3.5V
VOUT = 1.3V
VOUT = 1.8V
VOUT = 2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com