Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL7571 Datasheet HTML 3Page - Renesas Technology Corp EL7571 Datasheet HTML 4Page - Renesas Technology Corp EL7571 Datasheet HTML 5Page - Renesas Technology Corp EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp EL7571 Datasheet HTML 10Page - Renesas Technology Corp EL7571 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 7 of 19
October 25, 2004
Applications Information
Circuit Description
General
The EL7571 is a fixed frequency, current mode, pulse width
modulated (PWM) controller with an integrated high precision
reference and a 5 bit Digital-to-Analog Converter (DAC). The
device incorporates all the active circuitry required to
implement a synchronous step down (buck) converter which
conforms to the Intel Pentium® II VRM specification.
Complementary switching outputs are provided to drive dual
NMOS power FET’s in either synchronous or non-synchronous
configurations, enabling the user to realize a variety of high
efficiency and low cost converters.
Reference
A precision, temperature compensated band gap reference
forms the basis of the EL7571. The reference is trimmed
during manufacturing and provides 1% set point accuracy for
the overall regulator. AC rejection of the reference is optimized
using an external bypass capacitor CREF.
Main Loop
A current mode PWM control loop is implemented in the
EL7571 (see block diagram). This configuration employs dual
feedback loops which provide both output voltage and current
feedback to the controller. The resulting system offers several
advantages over tradititional voltage control systems, including
simpler loop design, pulse by pulse current limiting, rapid
response to line variaion and good load step response. Current
feedback is performed by sensing voltage across an external
shunt resistor. Selection of the shunt resistance value sets the
level of current feedback and thereby the load regulation and
current limit levels. Consequently, operation over a wide range
of output currents is possible. The reference output is fed to a 5
bit DAC with step weighing conforming to the Intel VRM
Specification. Each DAC input includes an internal current pull
up which directly interfaces to the VID output of a Pentium® II
class microprocessor. The heart of the controller is a triple-
input direct summing differential comparator, which sums
voltage feedback, current feedback and compensating ramp
signals together. The relative gains of the comparator input
stages are weighed. The ratio of voltage feedback to current
feedback to compensating ramp defines the load regulation
and open loop voltage gain for the system, respectively. The
compensating ramp is required to maintain large system signal
system stability for PWM duty cycles greater than 50%.
Compensation ramp amplitude is user adjustable and is set
with a single external capacitor (CSLOPE). The ramp voltage is
ground referenced and is reset to ground whenever the high
side drive signal is low. In operation, the DAC output voltage is
compared to the regulator output, which has been internally
attenuated. The resulting error voltage is compared with the
compensating ramp and current feedback voltage. PWM duty
cycle is adjusted by the comparator output such that the
combined comparator input sums to zero. A weighted
comparator scheme enhances system operation over
traditional voltage error amplifier loops by providing cycle-by-
cycle adjustment of the PWM output voltage, eliminating the
need for error amplifier compensation. The dominant pole in
the loop is defined by the output capacitance and equivalent
load resistance, the effect of the output inductor having been
canceled due to the current feedback. An output enable
(OUTEN) input allows the regulator output to be disabled by an
external logic control signal.
Auxiliary Comparators
The current feedback signal is monitored by two additional
comparators which set the operating limits for the main
inductor current. An over current comparator terminates the
PWM cycle independently of the main summing comparator
output whenever the voltage across the sense resistor
exceeds 154mV. For a 7.5m
resistor this corresponds to a
nominal 20A current limit. Since output current is continuously
monitored, cycle-by-cycle current limiting results. A second
comparator senses inductor current reverse flow. The low side
drive signal is terminated when the sense resistor voltage is
less than -5mV, corresponding to a nominal reverse current of
-0.67A, for a 7.5m
 sense resistor. Additionally, under fault
conditions, with the regulator output over-voltage, inductor
current is prevented from ramping to a high level in the reverse
direction. This prevents the parasitic boost action of the local
power supply when the fault is removed and potential damage
to circuitry connected to the local supply.
Oscillator
A system clock is generated by an internal relaxation oscillator.
Operating frequency is simple to adjust using a single external
capacitor COSC. The ratio of charge to discharge current in the
oscillator is well defined and sets the maximum duty cycle for
the system at around 96%.
Soft-start
During start-up, potentially large currents can flow into the
regulator output capacitors due to the fast rate of change of
output voltage caused during start-up, although peak inrush
current will be limited by the over current comparator. However
an additionally internal switch capacitor soft-start circuit
controls the rate of change of output voltage during start-up by
overriding the voltage feedback input of the main summing
comparator, limiting the start-up ramp to around 1ms under
typical operating conditions. The soft-start ramp is reset
whenever the output enable (OUTEN) is reset or whenever the
controller supply falls below 3.5V.
Watchdog
A system watchdog monitors the condition of the controller
supply and the integrity of the generated output voltage.
Modern logic level power FET’s rapidly increase in resistivity
(RDS-ON) as their gate drive is reduced below 5V. To prevent
thermal damage to the power FET’s under load, with a reduced
supply voltage, the system watchdog monitors the controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com