Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp EL7571 Datasheet HTML 10Page - Renesas Technology Corp EL7571 Datasheet HTML 11Page - Renesas Technology Corp EL7571 Datasheet HTML 12Page - Renesas Technology Corp EL7571 Datasheet HTML 13Page - Renesas Technology Corp EL7571 Datasheet HTML 14Page - Renesas Technology Corp EL7571 Datasheet HTML 15Page - Renesas Technology Corp EL7571 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 12 of 19
October 25, 2004
Application Circuits
To assist the evaluation of EL7571, several VRM applications
have been developed. These are described in the converter
topologies table earlier in the data sheet. The demo board can
be configured to operate with either a 5V or 12V controller
supply, using a 5V FET supply.
Voltage ID Code Output Voltage Settings
VID4
VID3
VID2
VID1
VID0
VOUT
01111
1.3
01110
1.35
01101
1.4
01100
1.45
01011
1.5
01010
1.55
01001
1.6
01000
1.65
00111
1.7
00110
1.75
00101
1.8
00100
1.85
00011
1.9
00010
1.95
00001
2.0
00000
2.05
11111
0, No CPU
11110
2.1
11101
2.2
11100
2.3
11011
2.4
11010
2.5
11001
2.6
11000
2.7
10111
2.8
10110
2.9
10101
3.0
10100
3.1
10011
3.2
10010
3.3
10001
3.4
10000
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com