Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button EL7571 Datasheet HTML 11Page - Renesas Technology Corp EL7571 Datasheet HTML 12Page - Renesas Technology Corp EL7571 Datasheet HTML 13Page - Renesas Technology Corp EL7571 Datasheet HTML 14Page - Renesas Technology Corp EL7571 Datasheet HTML 15Page - Renesas Technology Corp EL7571 Datasheet HTML 16Page - Renesas Technology Corp EL7571 Datasheet HTML 17Page - Renesas Technology Corp EL7571 Datasheet HTML 18Page - Renesas Technology Corp EL7571 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 17 of 19
October 25, 2004
PCB Layout Considerations
1. Place the power MOSFET’s as close to the controller as
possible. Failure to do so will cause large amounts of
ringing due to the parasitic inductance of the copper trace.
Additionally, the parasitic capacitance of the trace will
weaken the effective gate drive. High frequency switching
noise may also couple to other control lines.
2. Always place the by-pass capacitors (0.1µF and 1µF) as
close to the EL7571 as possible. Long lead lengths will
lessen the effectiveness.
3. Separate the power ground (input capacitor ground and
ground connections of the Schottky diode and the power
MOSFET’s) and signal grounds (ground pins of the by-pass
capacitors and ground terminals of the EL7571). This will
isolate the highly noisy switching ground from the very
sensitive signal ground.
4. Connect the power and signal grounds at the output
capacitors. Output capacitor ground is the quietest point in
the converter and should be used as the reference ground.
5. The power MOSFET’s output inductor and Schottky diode
should be grouped together to contain high switching noise
in the smallest area.
6. Current sense traces running from pin 11 and pin 12 to the
current sense resistor should run parallel and close to each
other and be Kelvin connected (no high current flow). In
high current applications performance can be improved by
connecting low Pass filter (typical values 4.7
0.1µF)
between the sense resistor and the IC inputs.
Layout Example
To demonstrate the points discussed above, below shows two
reference layouts - a synchronous 5V only VRM layout and a
synchronous 5V only PC board layout. Both layouts can be
modified to any application circuit configuration shown on this
data sheet. Gerber files of the layouts are available from the
factory.
Top Layer Silkscreen
Bottom Layer Silkscreen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com