Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp EL7571 Datasheet HTML 10Page - Renesas Technology Corp EL7571 Datasheet HTML 11Page - Renesas Technology Corp EL7571 Datasheet HTML 12Page - Renesas Technology Corp EL7571 Datasheet HTML 13Page - Renesas Technology Corp EL7571 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 10 of 19
October 25, 2004
Input Capacitor, C1
In a buck converter, where the output current is greater than
10A, significant demand is placed on the input capacitor.
Under steady state operation, the high side FET conducts only
when it is switched “on” and conducts zero current when it is
turned “off”. The result is a current square wave drawn from the
input supply. Most of this input ripple current is supplied from
the input capacitor C1. The current flow through C1’s
equivalent series resistance (ESR) can heat up the capacitor
and cause premature failure. Maximum input ripple current
occurs when the duty cycle is 50%, a current of IOUT/2 RMS.
Worst case power dissipation is:
where:
ERSIN = input capacitor ESR
For safe and reliable operation, PD must be less than the
capacitor’s data sheet rating.
Input Inductor, L2
The input inductor (L2) isolates switching noise from the input
supply line by diverting buck converter input ripple current into
the input capacitor. Buck regulators generate high levels of
input ripple current because the load is connected directly to
the supply through the top switch every cycle, chopping the
input current between the load current and zero, in proportion
to the duty cycle. The input inductor is critical in high current
applications where the ripple current is similarly high. An
exclusively large input inductor degrades the converter’s load
transient response by limiting the maximum rate of change of
current at the converter input. A 1.5µH input inductor is
sufficient in most applications.
Output Capacitor, C2
During steady state operation, output ripple current is much
less than the input ripple current since current flow is
continuous, either via the top switch or the bottom switch.
Consequently, output capacitor power dissipation is less of a
concern than the input capacitor’s. However, low ESR is still
required for applications with very low output ripple voltage or
transient response requirements. Output ripple voltage is given
by:
where:
IRIP = output ripple current
ESROUT = output capacitor ESR
During a transient response, the output voltage spike is
determined by the ESR and the equivalent series inductance
(ESL) of the output capacitor in addition to the rate of change
and magnitude of the load current step. The output voltage
transient is given by:
where:
ESROUT = output capacitor ESR
ESL = output capacitor ESL
IOUT = output current step
di/dt = rate of change of output current
Power MOSFET, Q1 and Q2
The EL7571 incorporates a boot-strap gate drive scheme to
allow the usage of N-channel MOSFETs. N-channel MOSFETs
are preferred because of their relative low cost and low on
resistance. The largest amount of the power loss occurs in the
power MOSFETs, thus low on resistance should be the
primary characteristic when selecting power MOSFETs. In the
boot-strap gate drive scheme, the gate drive voltage can only
go as high as the supply voltage, therefore in a 5V system, the
MOSFETs must be logic level type, VGS<4.5V. In addition to
on resistance and gate to source threshold, the gate to source
capacitance is also very important. In the region when the
output current is low (below 5A), switching loss is the dominant
factor. Switching loss is determined by:
where:
C is the gate to source capacitance of the MOSFET
V is the supply voltage
F is the switching frequency
Another undesirable reason for a large MOSFET gate to
source capacitance is that the on resistance of the MOSFET
driver can not supply the peak current required to turn the
MOSFET on and off fast. This results in additional MOSFET
conduction loss. As frequency increases, this loss also
increases which leads to more power loss and lower efficiency.
Finally, the MOSFET must be able to conduct the maximum
current and handle the power dissipation.
The EL7571 is designed to boot-strap to 12V for 12V only input
converters. In this application, logic level MOSFETs are not
required.
The following table below lists a few popular MOSFETs and
their critical specifications.
PD
IOUT
2
-------------


2
ESRIN
=
VRIP
IRIP ESROUT
=
VOUT
ESROUT IOUT ESL
di
dt
-----
+



=
PC V
2
F
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com