Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL7571 Datasheet HTML 4Page - Renesas Technology Corp EL7571 Datasheet HTML 5Page - Renesas Technology Corp EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp EL7571 Datasheet HTML 10Page - Renesas Technology Corp EL7571 Datasheet HTML 11Page - Renesas Technology Corp EL7571 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 8 of 19
October 25, 2004
supply (VIN) and disables both PWM outputs (HSD, LSD)
when the supply voltage drops below 3.5V. When the supply
voltage is increased above 4V the watchdog initiates a soft-
start ramp and enables PWM operation. The difference
between enable and disable thresholds introduces hysteresis
into the circuit operation, preventing start-up oscillation. In
addition, output voltage is also monitored by the watchdog. As
called out by the Intel Pentium® II VRM specification, the
watchdog power good output (PWRGD) is set low whenever
the output voltage differs from it’s selected value by more than
±13%. PWRGD is an open drain output. A third watchdog
function disables PWM output switching during over-voltage
fault conditions, displaying both external FET drives, whenever
the output voltage is greater than 13% of its selected value,
thereby anticipating reverse inductor current ramping and
conforming to the VRM over-voltage specification, which
requires the regulator output to be disabled during fault
conditions. Switching is enabled after the fault condition is
removed.
Output Drivers
Complementary control signals developed by the PWM control
loop are fed to dual NMOS power FET drivers via a level shift
circuit. Each driver is capable of delivering nominal peak
output currents of 2A at 12V. To prevent shoot-through in the
external FET’s, each driver is disabled until the gate voltage of
the complementary power FET has fallen to less than 1V.
Supply connections for both drivers are independent, allowing
the controller to be configured with a boot-strapped high side
drive. Employing this technique a single supply voltage may be
used for both power FET’s and controller. Alternatively, the
application may be simplified using dual supply rails with the
power FET’s connected to a secondary supply voltage below
the controller’s, typically 12V and 5V. For applications where
efficiency is less important than cost, applications can be
further simplified by replacing the low side power FET with a
Schottky diode, resulting in non-synchronous operation.
Applications Information
The EL7571 is designed to meet the Intel 5 bit VRM
specification. Refer to the VID decode table for the controller
output voltage range.
The EL7571 may be used in a number converter topologies.
The trade-off between efficiency, cost, circuit complexity, line
input noise, transient response and availability of input supply
voltages will determine which converter topology is suitable for
a given application. The following table lists some of the
differences between the various configurations:
Circuit schematics and Bills of Material (BOMs) for the various
topologies are provided at the end of this data sheet. If your
application requirements differ from the included samples, the
following design guide lines should be used to select the key
component values. Refer to the front page connection diagram
for component locations.
Output Inductor, L1
Two key converter requirements are used to determine
inductor value:
•IMIN- minimum output current; the current level at which the
converter enters the discontinuous mode of operation (refer
to Elantec application note #18 for a detailed discussion of
discontinuous mode)
•IMAX- maximum output current
Although many factors influence the choice of the inductor
value, including efficiency, transient response and ripple
current, one practical way of sizing the inductor is to select a
value which maintains continuous mode operation, i.e. inductor
current positive for all conditions. This is desirable to optimize
load regulation and light load transient response. When the
minimum inductor ripple current just reaches zero and with the
mean ripple current set to IMIN, peak inductor ripple current is
twice IMAX, independent of duty cycle. The minimum inductor
value is given by:
Converter Topologies
TOPOLOGY
DIAGRAM
EFFICIENCY
COST
COMPLEXITY INPUT NOISE
TRANSIENT
RESPONSE
5V only Non-synchronous
figure 1
92%
low
low
high
good
5V only Synchronous
figure 2
95%
higher
higher
high
good
5V &12V Non-synchronous
figure 3
92%
lowest
lowest
high
good
5V & 12V Synchronous
figure 4
95%
high
high
high
good
12V only Synchronous
Connection Diagram
92%
highest
highest
high
best
L1MIN
V
IN VOUT TON
–
1PEAK
--------------------------------------------------------
V
IN VOUT VOUT
–
VIN FSW 2IMIN
------------------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com