Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL7571 Datasheet HTML 1Page - Renesas Technology Corp EL7571 Datasheet HTML 2Page - Renesas Technology Corp EL7571 Datasheet HTML 3Page - Renesas Technology Corp EL7571 Datasheet HTML 4Page - Renesas Technology Corp EL7571 Datasheet HTML 5Page - Renesas Technology Corp EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 4 of 19
October 25, 2004
Typical Performance Curves
+12V Supply Sync Line Regulation
-0.002
0.004
0.003
0.002
0.001
0
-0.001
-0.003
VIN (V)
13.5
10.0
11.5
11.0
10.5
13.0
12.5
12.0
5V Supply Line Regulation
-0.30
0.30
0.20
0.10
0.00
-0.10
-0.20
-0.40
VIN (V)
5.50
4.50
5.00
5.25
4.75
+12V Supply Sync Efficiency
1.0
IOUT (A)
0.8
0.7
0.6
0.5
0.9
+12V Supply Sync Load Regulation
0.04
IOUT (A)
0.02
0
-0.01
-0.02
0.03
0.01
VRM +5V Supply +12V Controller Sync w/o Schottky Load
Regulation
6.00
IOUT (A)
3.00
1.00
-1.00
-2.00
5.00
2.00
+5V Supply Non-Sync Load Regulation
5.00
IOUT (A)
2.00
0
-1.00
-2.00
4.00
1.00
3.00
4.00
0
VOUT = 2.1V
VOUT = 2.8V
01
35
11
13
9
7
01
35
11
13
9
7
01
35
11
13
9
7
01
35
11
13
9
7
VOUT = 1.8V
VOUT = 1.3V
VOUT = 2.8V
VOUT = 3.5V
VOUT = 1.8V
VOUT = 1.8V
VOUT = 2.8V
VOUT = 3.5V
VOUT = 1.3V
VOUT = 3.5V
VOUT = 1.8V
VOUT = 2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com