Electronic Components Datasheet Search
  English  ▼

X  

EL7571 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL7571
Description  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL7571 Datasheet HTML 1Page - Renesas Technology Corp EL7571 Datasheet HTML 2Page - Renesas Technology Corp EL7571 Datasheet HTML 3Page - Renesas Technology Corp EL7571 Datasheet HTML 4Page - Renesas Technology Corp EL7571 Datasheet HTML 5Page - Renesas Technology Corp EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FN7298 Rev 1.00
Page 1 of 19
October 25, 2004
FN7298
Rev 1.00
October 25, 2004
EL7571
Programmable PWM Controller
DATASHEET
The EL7571 is a flexible, high efficiency, current mode,
PWM step down controller. It incorporates five bit DAC
adjustable output voltage control which conforms to the Intel
Voltage Regulation Module (VRM) Specification for
Pentium® II and Pentium® Pro class processors. The
controller employs synchronous rectification to deliver
efficiencies greater than 90% over a wide range of supply
voltages and load conditions. The on-board oscillator
frequency is externally adjustable, or may be slaved to a
system clock, allowing optimization of RFI performance in
critical applications. In single supply operation, the high side
FET driver supports boot-strapped operation. For maximum
flexibility, system operation is possible from either a 5V rail,
a single 12V rail, or dual supply rails with the controller
operating from 12V and the power FETs from 5V.
Pinout
Features
• Pentium® II Compatible
• 5 bit DAC Controlled Output Voltage
• Greater than 90% Efficiency
• 4.5V to 12.6V Input Range
• Dual NMOS Power FET Drivers
• Fixed frequency, Current Mode Control
• Adjustable Oscillator with External Sync. Capability
• Synchronous Switching
• Internal Soft-Start
• User Adjustable Slope Compensation
• Pulse by Pulse Current Limiting
• 1% Typical Output Accuracy
• Power Good Signal
• Output Power Down
• Over Voltage Protection
• Pb-Free Available (RoHS Compliant)
Applications
• Pentium® II Voltage Regulation Modules (VRMs)
• PC Motherboards
• DC/DC Converters
• GTL Bus Termination
• Secondary Regulation
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
OTEN
VID4
VID3
VID2
VID1
VIDO
PWRGD
REF
COSC
CSLOPE
VH1
FB
CS
GND
GNDP
LSD
VINP
VIN
LX
HSD
ENABLE
POWER
GOOD
Voltage
I.D. (VID
(0:4))
C3 240pF
C3 240pF
C3
0.1µF
1.4V
C6 0.1µF
R2
5
D1
Q1
C8
1µF
C1
1000µ
F x3
L2
1.5µH
4.5V
to
12.6V
L1
5.1µH
R2
5
C2
1000µF
x6
C7
1µF
Q2
D2
VOUT
1.3V to
3.5V
Q1, Q2: Siliconix, Si4410, x2
C1: Sanyo, 16MV 1000GX, 1000µF x3
C2: Sanyo, 6MV 1000GX, 1000µF x6
L1: Pulse Engineering, PE-53700, 5.1µH
L2: Micrometals, T30-26, 7T AWG #20, 1.5µH
R1: Dale, WSL-25-12, 15m
, x2
D1: BAV99
D2: IR, 32CTQ030
Ordering Information
PART NUMBER
PACKAGE
TAPE AND
REEL
PKG. DWG. #
EL7571CM
20-Pin SO
-
MDP0027
EL7571CM-T13
20-Pin SO
13”
MDP0027
EL7571CMZ
(See Note)
20-Pin SO
(Pb-free)
-
MDP0027
EL7571CMZ-T13
(See Note)
20-Pin SO
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.


Similar Part No. - EL7571

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
Intersil Corporation
EL7571CM INTERSIL-EL7571CM Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
EL7571CM-T13 INTERSIL-EL7571CM-T13 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
EL7571CMZ INTERSIL-EL7571CMZ Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
More results

Similar Description - EL7571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1841 TI-UC1841 Datasheet
923Kb / 9P
Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
Programmable Maximum Duty Cycle PWM Controller
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
ams AG
AS8846 AMSCO-AS8846 Datasheet
1Mb / 35P
Programmable PWM DC Motor Driver / Controller
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
Programmable, Off-Line, PWM Controller
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
Programmable Maximum Duyt Cycle PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com