Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL4342 Datasheet HTML 1Page - Renesas Technology Corp EL4342 Datasheet HTML 2Page - Renesas Technology Corp EL4342 Datasheet HTML 3Page - Renesas Technology Corp EL4342 Datasheet HTML 4Page - Renesas Technology Corp EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 3 of 14
Oct 4, 2017
Pin Descriptions
EL4342
(32 Ld QFN)
EL4340
(24 Ld QSOP) PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
8
IN1A
Circuit 1
Channel 1 input for output amplifier “A”
2, 4, 8, 13, 15,
24, 28, 30
4, 7, 9, 13, 15,
24
NIC
Not Internally Connected; it is recommended these pins be tied to ground to minimize
crosstalk.
3
10
IN1B
Circuit 1
Channel 1 input for output amplifier “B”
5
12
IN1C
Circuit 1
Channel 1 input for output amplifier “C”
6
5
GNDB
Circuit 4
Ground pin for output amplifier “B”
7
NA
IN2A
Circuit 1
Channel 2 input for output amplifier “A”
9
NA
IN2B
Circuit 1
Channel 2 input for output amplifier “B”
10
NA
IN2C
Circuit 1
Channel 2 input for output amplifier “C”
11
11
GNDC
Circuit 4
Ground pin for output amplifier “C”
12
NA
IN3A
Circuit 1
Channel 3 input for output amplifier “A”
14
NA
IN3B
Circuit 1
Channel 3 input for output amplifier “B”
16
NA
IN3C
Circuit 1
Channel 3 input for output amplifier “C”
17
NA
S1
Circuit 2
Channel selection pin MSB (binary logic code)
18
14
S0
Circuit 2
Channel selection pin. LSB (binary logic code)
19
17
OUTC
Circuit 3
Output of amplifier “C”
20
18
OUTB
Circuit 3
Output of amplifier “B”
21
16
V-
Circuit 4
Negative power supply
22
20
OUTA
Circuit 3
Output of amplifier “A”
23
19
V+
Circuit 4
Positive power supply
25
22
ENABLE
Circuit 2
Device enable (active low). Internal pull-down resistor ensures the device will be active with
no connection to this pin. A logic High on this pin puts device into power-down mode. In
power-down mode only logic circuitry is active. All logic states are preserved post
power-down. This state is not recommended for logic control where more than one
MUX-amp share the same video output line.
-23
LE
Circuit 2
Device latch enable on the EL4340. A logic high on LE will latch the last (S0, S1) logic state.
HIZ and ENABLE functions are not latched with the LE pin.
26
21
HIZ
Circuit 2
Output disable (active high). Internal pull-down resistor ensures the device will be active
with no connection to this pin. A logic high, puts the outputs in a high impedance state. Use
this state to control logic when more than one MUX-amp share the same video output line.
27
6
IN0C
Circuit 1
Channel 0 for output amplifier “C”
29
3
IN0B
Circuit 1
Channel 0 for output amplifier “B”
31
1
IN0A
Circuit 1
Channel 0 for output amplifier “A”
32
2
GNDA
Circuit 4
Ground pin for output amplifier “A”
IN
V+
V-
LOGIC PIN
V+
V-
GND
33k
21k
+
-
1.2V
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
V-
V+
GNDB
CAPACITIVELY
COUPLED
GNDC
GNDA
CIRCUIT 4
V-
THERMAL HEAT SINK PAD
~1MΩ
SUBSTRATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com