Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp EL4342 Datasheet HTML 10Page - Renesas Technology Corp EL4342 Datasheet HTML 11Page - Renesas Technology Corp EL4342 Datasheet HTML 12Page - Renesas Technology Corp EL4342 Datasheet HTML 13Page - Renesas Technology Corp EL4342 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 10 of 14
Oct 4, 2017
HIZ State
An internal pull-down resistor ensures the device will be active
with no connection to the HIZ pin. The HIZ state is established
within approximately 15ns (Figure 18 on page 8) by placing a
logic high (>2V) on the HIZ pin. If the HIZ state is selected, the
output is a high impedance 1.4MΩ
withapproximately1.5pF in
parallel with a 10µA bias current from the output. Use this state
when more than one mux shares a common output.
In the HIZ state the output is three-stated, and maintains its high
Z even in the presence of high slew rates. The supply current
during this state is same as the active state.
ENABLE and Power-Down States
The enable pin is active low. An internal pull-down resistor
ensures the device will be active with no connection to the
ENABLE pin. The Power-down state is established within
approximately 80ns (Figure 16 on page 7), if a logic high (>2V) is
placed on the ENABLE pin. In the Power-down state, the output
has no leakage but has a large variable capacitance (on the
order of 15pF), and is capable of being back-driven. Under this
condition, large incoming slew rates can cause fault currents of
tens of mA. Do not use this state as a high impedance output
when several MUX amps share the same output line.
LE State
The EL4340 is equipped with a Latch Enable pin. A logic high (>2V)
on the LE pin latches the last logic state. This logic state is
preserved when cycling HIZ or ENABLE functions.
Limiting the Output Current
No output short-circuit current limit exists on these parts. All
applications need to limit the output current to less than 50mA.
Adequate thermal heat sinking of the parts is also required.
Application Example
Figure 24 on page 11 illustrates the use of the EL4342, two
ISL84517 SPST switches, and one NC7ST00P5X NAND gate to
mux 3 different component video signals and one RGB video
signal. The SPDT switches provide the sync signal for the RGB
video and disconnects the sync signal for the component signal.
PC Board Layout
The AC performance of this circuit depends greatly on the care
taken in designing the PC board. The following are
recommendations to achieve optimum high frequency
performance from your PC board.
• The use of low inductance components such as chip resistors
and chip capacitors is strongly recommended.
• Minimize signal trace lengths. Trace inductance and
capacitance can easily limit circuit performance. Avoid sharp
corners, use rounded corners when possible. Vias in the signal
lines add inductance at high frequency and should be avoided.
PCB traces greater than 1" begin to exhibit transmission line
characteristics with signal rise/fall times of 1ns or less. High
frequency performance may be degraded for traces greater
than one inch, unless strip line are used.
• Match channel-channel analog I/O trace lengths and layout
symmetry. This will minimize propagation delay mismatches.
• Maximize use of AC de-coupled PCB layers. All signal I/O lines
should be routed over continuous ground planes (for example,
no split planes or PCB gaps under these lines). Avoid vias in the
signal I/O lines.
• Use proper value and location of termination resistors.
Termination resistors should be as close to the device as
possible.
• When testing use good quality connectors and cables,
matching cable types and keeping cable lengths to a
minimum.
• Minimum of two power supply de-coupling capacitors are
recommended (1000pF, 0.01µF) as close to the devices as
possible - Avoid vias between the cap and the device because
vias add unwanted inductance. Larger caps can be farther
away. When vias are required in a layout, they should be routed
as far away from the device as possible.
• The NIC pins are placed on both sides of the input pins. These
pins are not internally connected to the die. It is recommended
these pins be tied to ground to minimize crosstalk.
The QFN Package Requires Additional PCB
Layout Rules for the Thermal Pad
The thermal pad is electrically connected to V- supply through the
high resistance IC substrate. Its primary function is to provide
heat sinking for the IC. However, because of the connection to
the V- supply through the substrate, the thermal pad must be tied
to the V- supply to prevent unwanted current flow to the thermal
pad. Do not tie this pin to GND as this could result in large back
biased currents flowing between GND and V-. The EL4342 uses
the package with pad dimensions of D2 = 2.48mm and
E2 = 3.4mm.
Maximum AC performance is achieved if the thermal pad is
attached to a dedicated de-coupled layer in a multi-layered PC
board. In cases where a dedicated layer is not possible, AC
performance may be reduced at upper frequencies.
The thermal pad requirements are proportional to power
dissipation and ambient temperature. A dedicated layer
eliminates the need for individual thermal pad area. When a
dedicated layer is not possible a 1” x 1” pad area is sufficient for
the EL4342 that is dissipating 0.5W in +50°C ambient. Pad area
requirements should be evaluated on a case by case basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com