Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL4342 Datasheet HTML 1Page - Renesas Technology Corp EL4342 Datasheet HTML 2Page - Renesas Technology Corp EL4342 Datasheet HTML 3Page - Renesas Technology Corp EL4342 Datasheet HTML 4Page - Renesas Technology Corp EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 4 of 14
Oct 4, 2017
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (V+ to V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- -0.5V, V+ +0.5V
Supply Turn-On Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Digital & Analog Input Current (Note 6). . . . . . . . . . . . . . . . . . . . . . . . 50mA
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . . 2500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
32 Ld QFN Package (Notes 4, 5) . . . . . . . .
35
1.3 to 8
24 Ld QSOP Package (Note 4) . . . . . . . . . .
88
N/A
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features. Refer to
TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, Input Video = 1VP-P and RL = 500Ω to GND, CL = 5pF unless
otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL
Enabled Supply Current (EL4340)
+IS Enabled
No load, VIN = 0V, Enable Low
21.5
30
34
mA
Enabled Supply Current (EL4342)
39
46
50
mA
Enabled Supply Current (EL4340)
-IS Enabled
No load, VIN = 0V, Enable Low
-32
-30
-21
mA
Enabled Supply Current (EL4342)
-48
-46
-36.5
mA
Disabled Supply Current (EL4340)
+IS Disabled
No load, VIN = 0V, Enable High
1.75
2.8
4.2
mA
Disabled Supply Current (EL4342)
No load, VIN = 0V, Enable High
3
3.5
4
mA
Disabled Supply Current
-IS Disabled
No load, VIN = 0V, Enable High
10
100
µA
Positive and Negative Output Swing
VOUT
VIN = ±3.5V, RL = 500Ω
±3.1
±3.4
V
Output Current
IOUT
RL = 10Ω to GND
±80
±135
mA
Output Offset Voltage (EL4340)
VOS
-15
7
+15
mV
Output Offset Voltage (EL4342)
VOS
-10
+10
mV
Input Bias Current
Ib
VIN = 0V
-0.5
-2
-3
µA
HIZ Output Resistance
ROUT
HIZ = Logic High
1.4
M
Ω
Enabled Output Resistance
ROUT
HIZ = Logic Low
0.2
Ω
Input Resistance
RIN
VIN = ±3.5V
10
MΩ
Voltage Gain
ACL or AV
VIN = ±1.5V, RL= 500Ω
0.98
0.99
1.02
V/V
Output Current in Three-State
ITRI
VOUT = 0V
8
15
22
µA
LOGIC
Input High Voltage (Logic Inputs)
VIH
2V
Input Low Voltage (Logic Inputs)
VIL
0.8
V
Input High Current (Logic Inputs)
IIH
VH = 5V
215
270
340
µA
Input Low Current (Logic Inputs)
IIL
VL = 0V
2
3
µA
AC GENERAL
0.1% Settling Time
tS
Step = 1V
10
ns
Power Supply Rejection Ratio
PSRR (EL4340) DC, PSRR V+ and V- combined
52
72
dB
Power Supply Rejection Ratio
PSRR (EL4342) DC, PSRR V+ and V- combined
52
56
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com