Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL4342 Datasheet HTML 1Page - Renesas Technology Corp EL4342 Datasheet HTML 2Page - Renesas Technology Corp EL4342 Datasheet HTML 3Page - Renesas Technology Corp EL4342 Datasheet HTML 4Page - Renesas Technology Corp EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 5 of 14
Oct 4, 2017
Channel Isolation
ISO
f = 10MHz, Ch-Ch X-Talk and Off-Isolation,
CL = 1.5pF
75
dB
Differential Gain Error
dG
NTC-7, RL = 150, CL = 1.5pF
0.02
%
Differential Phase Error
dP
NTC-7, RL = 150, CL = 1.5pF
0.02
°
-3dB Bandwidth
BW
CL = 1.5pF
500
MHz
0.1dB Bandwidth
FBW
CL = 1.5pF
60
MHz
0.1dB Bandwidth
CL = 4.7pF
120
MHz
Slew Rate
SR
25% to 75%, RL = 150Ω, Input Enabled,
CL =1.5pF
±870
V/µs
SWITCHING CHARACTERISTICS
Channel-to-Channel Switching Glitch
VGLITCH
EL4340
VIN = 0V, CL = 1.5pF
40
mVP-P
Enable Switching Glitch
VIN = 0V CL = 1.5pF
300
mVP-P
HIZ Switching Glitch
VIN = 0V CL = 1.5pF
200
mVP-P
Channel-to-Channel Switching Glitch
VGLITCH
EL4342
VIN = 0V CL = 1.5pF
20
mVP-P
Enable Switching Glitch
VIN = 0V CL = 1.5pF
200
mVP-P
HIZ Switching Glitch
VIN = 0V CL = 1.5pF
200
mVP-P
Channel Switching Time Low to High
tSW-L-H
1.2V logic threshold to 10% movement of
analog output
18
ns
Channel Switching Time High to Low
tSW-H-L
1.2V logic threshold to 10% movement of
analog output
20
ns
Rise and Fall Time
tr, tf
10% to 90%
1.1
ns
Propagation Delay
tpd
10% to 10%
0.9
ns
Latch Enable Hold time (EL4340 only)
tLH
LE = 0
10
ns
Electrical Specifications V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, Input Video = 1VP-P and RL = 500Ω to GND, CL = 5pF unless
otherwise specified. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves V
S = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified.
FIGURE 3. GAIN vs FREQUENCY vs CL
FIGURE 4. GAIN vs FREQUENCY vs RL
-10
-8
-6
-4
-2
0
2
4
6
8
10
1
10
100
1k
FREQUENCY (MHz)
CL = 2.2pF
CL = 6.2pF
CL = 7.3pF
CL = 4.7pF
CL = 1.5pF
CL = 11.5pF
CL INCLUDES 1.5pF
BOARD CAPACITANCE
CL = 16.5pF
SOURCE POWER = -20dBm
-5
-4
-3
-2
-1
0
1
2
3
4
5
1
10
100
1k
FREQUENCY (MHz)
RL = 150Ω
RL = 500Ω
RL = 100Ω
RL = 1kΩ
SOURCE POWER = -20dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com