Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL4342 Datasheet HTML 4Page - Renesas Technology Corp EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp EL4342 Datasheet HTML 10Page - Renesas Technology Corp EL4342 Datasheet HTML 11Page - Renesas Technology Corp EL4342 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 8 of 14
Oct 4, 2017
FIGURE 17. HIZ SWITCHING GLITCH VIN = 0V
FIGURE 18. HIZ TRANSIENT RESPONSE VIN = 1V
FIGURE 19. INPUT NOISE vs FREQUENCY (OUTPUT A, B, C)
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves V
S = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
10ns/DIV
0
0
VIN = 0V
VOUT A, B, C
HIZ
50Ω
TERM.
VIN = 1V
10ns/DIV
0
0
VOUT A, B, C
50Ω
TERM.
HIZ
60
50
40
30
20
10
0
100
1k
10k
100k
FREQUENCY (Hz)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD-QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
JA = 35°C/W
QFN32
125
85
JA = 88°C/W
QSOP24
1.136W
2.857W
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JA = 125°C/W
QFN32
JA = 115°C/W
QSOP24
870mW
758mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com