Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL4342 Datasheet HTML 2Page - Renesas Technology Corp EL4342 Datasheet HTML 3Page - Renesas Technology Corp EL4342 Datasheet HTML 4Page - Renesas Technology Corp EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp EL4342 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 6 of 14
Oct 4, 2017
FIGURE 5. 0.1dB GAIN vs FREQUENCY
FIGURE 6. ROUT vs FREQUENCY
FIGURE 7. EL4340 TRANSIENT RESPONSE
FIGURE 8. EL4342 TRANSIENT RESPONSE
FIGURE 9. EL4340 CROSSTALK AND OFF-ISOLATION
FIGURE 10. EL4342 CROSSTALK AND OFF-ISOLATION
Typical Performance Curves V
S = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
10
100
1k
FREQUENCY (MHz)
SOURCE POWER = -20dBm
-0.7
-0.6
-0.4
-0.3
-0.1
0.0
0.1
-0.2
-0.5
1
CL = 4.7pF
CL = 1.5pF
0.2
-0.8
100
10
1
0.1
0.1
1
10
100
1k
FREQUENCY (MHz)
TIME (5ns/DIV)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
CL = 1.5pF
RL = 500Ω
0.8
-0.8
TIME (5ns/DIV)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
CL = 1.5pF
RL = 500Ω
-0.8
0.8
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
1k
-70
-90
INPUT X TO OUTPUT Y
CROSSTALK
0
-20
-40
-60
-80
-100
OFF ISOLATION
INPUT X TO OUTPUT X
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
1k
-70
-90
0
-20
-40
-60
-80
-100
OFF ISOLATION
INPUT X TO OUTPUT X
INPUT X TO OUTPUT Y
CROSSTALK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com