Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL4342 Datasheet HTML 1Page - Renesas Technology Corp EL4342 Datasheet HTML 2Page - Renesas Technology Corp EL4342 Datasheet HTML 3Page - Renesas Technology Corp EL4342 Datasheet HTML 4Page - Renesas Technology Corp EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN7421
Rev.4.00
Oct 4, 2017
EL4340, EL4342
500MHz Triple Multiplexing Amplifiers
DATASHEET
FN7421 Rev.4.00
Page 1 of 14
Oct 4, 2017
The EL4340, EL4342 are fixed unity gain mux amps featuring
high slew rates and excellent bandwidth for video switching.
These devices feature a high impedance output state (HIZ) that
enables the outputs of multiple devices to be wired together. A
power-down mode (ENABLE) is included to turn off un-needed
circuitry in power sensitive applications. The ENABLE pin, when
pulled high, sets the EL4340, EL4342 into standby power
mode - consuming just 18mW. An added feature in the
EL4340 is a latch enable function (LE) that allows independent
logic control using a common logic bus.
Related Literature
• For a full list of related documents, visit our website
- EL4340, EL4342 product pages
Features
• Triple 2:1 and 4:1 multiplexers for RGB
• Internally set gain-of-1
• High speed three-state outputs (HIZ)
• Power-down mode (ENABLE)
• Latch enable (EL4340)
• ±5V operation
• ±870 V/µs slew rate
• 500MHz bandwidth
• Typical supply currents 10mA/ch (EL4340) and 15.3mA/ch
(EL4342)
• Pb-free (RoHS compliant)
Applications
• HDTV/DTV analog inputs
• Video projectors
• Computer monitors
• Set-top boxes
• Security video
• Broadcast video equipment
Ordering Information
PART
NUMBER
( Notes 1, 2, 3)
PART
MARKING
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
EL4340IUZ
EL4340IUZ
24 Ld QSOP
MDP0040
EL4342ILZA
4342ILZ
32 Ld 5x6 QFN
L32.5x6A
EL4340IUZ-EVAL
Evaluation Board
EL4342ILZA-EVAL
Evaluation Board
NOTES:
1. Add “-T13” suffix for 2.5k unit or “-T7” suffix for 1k unit tape and reel
options. Refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-
free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see product information page
for EL4340, EL4342. For more information on MSL, refer to TB363.
TABLE 1. CHANNEL SELECT LOGIC TABLE EL4340
S0
ENABLE
HIZ
LE
OUTPUT
0
000
INO (A, B, C)
1
0
0
0
IN1 (A, B, C)
X1
X
X
Power-down
X0
1
X
High Z
X
001
Last S0 State
Preserved
TABLE 2. CHANNEL SELECT LOGIC TABLE EL4342
S1
S0
ENABLE
HIZ
OUTPUT
0
0
0
0
IN0 (A, B, C)
0
1
0
0
IN1 (A, B, C)
1
0
0
0
IN2 (A, B, C)
1
1
0
0
IN3 (A, B, C)
XX
1
X
Power-down
XX
0
1
High Z


Similar Part No. - EL4342

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
500MHz Triple, Multiplexing Amplifiers
September 21, 2005
EL4342 INTERSIL-EL4342 Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
EL4342 INTERSIL-EL4342 Datasheet
812Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
882Kb / 13P
500MHz Triple, Multiplexing Amplifiers
September 21, 2005
EL4342ILZA INTERSIL-EL4342ILZA Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
More results

Similar Description - EL4342

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
500MHz Triple, Multiplexing Amplifiers
September 21, 2005
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
May 21, 2007
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com