Electronic Components Datasheet Search
  English  ▼

X  

EL4342 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL4342
Description  500MHz Triple Multiplexing Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4342 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL4342 Datasheet HTML 5Page - Renesas Technology Corp EL4342 Datasheet HTML 6Page - Renesas Technology Corp EL4342 Datasheet HTML 7Page - Renesas Technology Corp EL4342 Datasheet HTML 8Page - Renesas Technology Corp EL4342 Datasheet HTML 9Page - Renesas Technology Corp EL4342 Datasheet HTML 10Page - Renesas Technology Corp EL4342 Datasheet HTML 11Page - Renesas Technology Corp EL4342 Datasheet HTML 12Page - Renesas Technology Corp EL4342 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EL4340, EL4342
FN7421 Rev.4.00
Page 9 of 14
Oct 4, 2017
Figure 22A illustrates the optimum output load for testing AC
performance. Figure 22B illustrates the optimun output load
when connecting to 50Ω input terminated equipment.
Application Information
General
The EL4340, EL4342 triple 2:1 and 4:1 MUX amps are ideal as
the matrix element of high performance switchers and routers.
Key features include buffered high impedance analog inputs and
excellent AC performance at output loads down to 150Ω for
video cable-driving. The unity-gain current feedback output
amplifiers are stable operating into capacitive loads and
bandwidth is optimized with a load of 5pF in parallel with a
500Ω. Total output capacitance can be split between the PCB
capacitance and an external load capacitor.
Ground Connections
For the best isolation and crosstalk rejection, all GND pins and
NIC pins must connect to the GND plane.
Control Signals
S0, S1, ENABLE, LE, HIZ - These are binary coded, TTL/CMOS
compatible control inputs. The S0, S1 pins select the inputs. All
three amplifiers are switched simultaneously from their respective
inputs. The ENABLE, LE, HIZ pins are used to disable the part to
save power, latch in the last logic state and three-state the output
amplifiers, respectively. For control signal rise and fall times less
than 10ns the use of termination resistors close to the part will
minimize transients coupled to the output.
Power-UP Considerations
The ESD protection circuits use internal diodes from all pins the
V+ and V- supplies. In addition, a dV/dT- triggered clamp is
connected between the V+ and V- pins, as shown in the
Equivalent Circuits 1 through 4 section of the Pin Description
table. The dV/dT triggered clamp imposes a maximum supply
turn-on slew rate of 1V/µs. Damaging currents can flow for power
supply rates-of-rise in excess of 1V/µs, such as during hot
plugging. Under these conditions, additional methods should be
employed to ensure the rate of rise is not exceeded.
Consideration must be given to the order in which power is
applied to the V+ and V- pins, as well as analog and logic input
pins. Schottky diodes (Motorola MBR0550T or equivalent)
connected from V+ to ground and V- to ground (Figure 23) will
shunt damaging currents away from the internal V+ and V- ESD
diodes in the event that the V+ supply is applied to the device
before the V- supply.
If positive voltages are applied to the logic or analog video input
pins before V+ is applied, current will flow through the internal
ESD diodes to the V+ pin. The presence of large decoupling
capacitors and the loading effect of other circuits connected to
V+, can result in damaging currents through the ESD diodes and
other active circuits within the device. Therefore, adequate
current limiting on the digital and analog inputs is needed to
prevent damage during the time the voltages on these inputs are
more positive than V+.
AC Test Circuits
FIGURE 22A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD
FIGURE 22B. TEST CIRCUIT FOR MEASURING WITH 50Ω OR 75Ω
INPUT TERMINATED EQUIPMENT
FIGURE 22C. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE
APPLICATION. BANDWIDTH AND LINEARITY FOR RL
LESS THAN 500Ω WILL BE DEGRADED.
FIGURE 22. TEST CIRCUITS
EL4340, EL4342
CL
50Ω
VIN
500Ω
RL
5PF
OR
75Ω
EL4340, EL4342
RS
CL
VIN
475Ω
TEST
5PF
50Ω
OR
75Ω
50Ω
OR
75Ω
50Ω
OR
75Ω
EQUIPMENT
EL4340, EL4342
RS
CL
VIN
50Ω OR 75Ω
TEST
5pF
50Ω
OR
75Ω
50Ω
OR
75Ω
EQUIPMENT
V+
V+
V-
V-
V+
V-
V+
V-
LOGIC
CONTROL
GND
IN0
IN1
S0
OUT
EXTERNAL
CIRCUITS
SCHOTTKY
PROTECTION
V+
V-
POWER
GND
SIGNAL
LOGIC
V+ SUPPLY
V- SUPPLY
DE-COUPLING
CAPS
FIGURE 23. SCHOTTKY PROTECTION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com